Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LEDXXXFB Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 49Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 50Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 51Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 52Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 53Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 54Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 55Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 56Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
53 of 200
Jun 30, 2020
2.2 Oscillator Characteristics
2.2.1 X1, XT1 oscillator characteristics
(TA = –40 to +85°C, 1.6 V
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
X1 clock oscillation
frequency (fX)Note
Ceramic resonator/
crystal resonator
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
2.4 V
≤ VDD < 2.7 V
1.0
16.0
MHz
1.8 V
≤ VDD < 2.4 V
1.0
8.0
MHz
1.6 V
≤ VDD < 1.8 V
1.0
4.0
MHz
XT1 clock oscillation
frequency (fX)Note
Crystal resonator
32
32.768
35
kHz
Note Indicates only permissible oscillator frequency ranges. Refer to AC Characteristics for instruction execution time.
Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the oscillator
characteristics.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check the X1
clock oscillation stabilization time using the oscillation stabilization time counter status register (OSTC)
by the user. Determine the oscillation stabilization time of the OSTC register and the oscillation
stabilization time select register (OSTS) after sufficiently evaluating the oscillation stabilization time
with the resonator to be used.
Remark
When using the X1 oscillator and XT1 oscillator, refer to 5.4 System Clock Oscillator in the RL78/G13 User’s
Manual.
2.2.2 On-chip oscillator characteristics
(TA = –40 to +85°C, 1.6 V
≤ VDD ≤ 5.5 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator
clock frequency Notes 1, 2
fIH
1
32
MHz
High-speed on-chip oscillator
clock frequency accuracy
–20 to +85°C
1.8 V
≤ VDD ≤ 5.5 V
–1.0
+1.0
%
1.6 V
≤ VDD < 1.8 V
–5.0
+5.0
%
–40 to –20°C
1.8 V
≤ VDD ≤ 5.5 V
–1.5
+1.5
%
1.6 V
≤ VDD < 1.8 V
–5.5
+5.5
%
Low-speed on-chip oscillator
clock frequency
fIL
15
kHz
Low-speed on-chip oscillator
clock frequency accuracy
–15
+15
%
Notes 1. High-speed on-chip oscillator frequency is selected by bits 0 to 3 of option byte (000C2H/010C2H) and bits 0
to 2 of HOCODIV register.
2. This indicates the oscillator characteristics only. Refer to AC Characteristics for instruction execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com