Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LEDXXXFB Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 47Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 48Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 49Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 50Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 51Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 52Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 53Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 54Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
51 of 200
Jun 30, 2020
2.1 Absolute Maximum Ratings
Absolute Maximum Ratings (TA = 25°C) (1/2)
Parameter
Symbols
Conditions
Ratings
Unit
Supply voltage
VDD
–0.5 to +6.5
V
EVDD0, EVDD1
EVDD0 = EVDD1
–0.5 to +6.5
V
EVSS0, EVSS1
EVSS0 = EVSS1
–0.5 to +0.3
V
REGC pin input voltage
VIREGC
REGC
–0.3 to +2.8
and –0.3 to VDD +0.3Note 1
V
Input voltage
VI1
P00 to P07, P10 to P17, P30 to P37, P40 to P47,
P50 to P57, P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P106, P110 to P117, P120,
P125 to P127, P140 to P147
–0.3 to EVDD0 +0.3
and –0.3 to VDD +0.3Note 2
V
VI2
P60 to P63 (N-ch open-drain)
–0.3 to +6.5
V
VI3
P20 to P27, P121 to P124, P137, P150 to P156,
EXCLK, EXCLKS, RESET
–0.3 to VDD +0.3Note 2
V
Output voltage
VO1
P00 to P07, P10 to P17, P30 to P37, P40 to P47,
P50 to P57, P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P106, P110 to P117, P120,
P125 to P127, P130, P140 to P147
–0.3 to EVDD0 +0.3
and –0.3 to VDD +0.3 Note 2
V
VO2
P20 to P27, P150 to P156
–0.3 to VDD +0.3 Note 2
V
Analog input voltage
VAI1
ANI16 to ANI26
–0.3 to EVDD0 +0.3
and –0.3 to AVREF(+) +0.3Notes 2, 3
V
VAI2
ANI0 to ANI14
–0.3 to VDD +0.3
and –0.3 to AVREF(+) +0.3Notes 2, 3
V
Notes 1.
Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF). This value regulates the absolute
maximum rating of the REGC pin. Do not use this pin with voltage applied to it.
2.
Must be 6.5 V or lower.
3.
Do not exceed AVREF(+) + 0.3 V in case of A/D conversion target pin.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
Remarks 1.
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.
2.
AVREF (+) : + side reference voltage of the A/D converter.
3.
VSS : Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com