Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LEDXXXFB Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 77Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 78Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 79Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 80Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 81Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 82Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 83Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 84Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
81 of 200
Jun 30, 2020
Remarks 1.
p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3),
g: PIM and POM numbers (g = 0, 1, 4, 5, 8, 14)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13))
(4) During communication at same potential (CSI mode) (slave mode, SCKp... external clock input) (1/2)
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
Note 5
tKCY2
4.0 V
≤ EVDD0 ≤ 5.5 V
20 MHz < fMCK
8/fMCK
–
–
ns
fMCK
≤ 20 MHz
6/fMCK
6/fMCK
6/fMCK
ns
2.7 V
≤ EVDD0 ≤ 5.5 V
16 MHz < fMCK
8/fMCK
–
–
ns
fMCK
≤ 16 MHz
6/fMCK
6/fMCK
6/fMCK
ns
2.4 V
≤ EVDD0 ≤ 5.5 V
6/fMCK
and 500
6/fMCK
and
500
6/fMCK
and
500
ns
1.8 V
≤ EVDD0 ≤ 5.5 V
6/fMCK
and 750
6/fMCK
and
750
6/fMCK
and
750
ns
1.7 V
≤ EVDD0 ≤ 5.5 V
6/fMCK
and 1500
6/fMCK
and
1500
6/fMCK
and
1500
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
–
6/fMCK
and
1500
6/fMCK
and
1500
ns
SCKp high-/low-
level width
tKH2,
tKL2
4.0 V
≤ EVDD0 ≤ 5.5 V
tKCY2/2 – 7
tKCY2/2
– 7
tKCY2/2
– 7
ns
2.7 V
≤ EVDD0 ≤ 5.5 V
tKCY2/2 – 8
tKCY2/2
– 8
tKCY2/2
– 8
ns
1.8 V
≤ EVDD0 ≤ 5.5 V
tKCY2/2 –
18
tKCY2/2
– 18
tKCY2/2
– 18
ns
1.7 V
≤ EVDD0 ≤ 5.5 V
tKCY2/2 –
66
tKCY2/2
– 66
tKCY2/2
– 66
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
–
tKCY2/2
– 66
tKCY2/2
– 66
ns
(Notes, Caution, and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com