Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LEDXXXFB Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 76Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 77Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 78Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 79Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 80Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 81Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 82Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 83Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
80 of 200
Jun 30, 2020
(3) During communication at same potential (CSI mode) (master mode, SCKp... internal clock output)
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to SCKp
↓”
when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from SCKp
↓”
when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output becomes
“from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4. C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and SCKp pin
by using port input mode register g (PIMg) and port output mode register g (POMg).
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
≥ 4/fCLK 2.7 V ≤ EVDD0 ≤ 5.5 V
125
500
1000
ns
2.4 V
≤ EVDD0 ≤ 5.5 V
250
500
1000
ns
1.8 V
≤ EVDD0 ≤ 5.5 V
500
500
1000
ns
1.7 V
≤ EVDD0 ≤ 5.5 V
1000
1000
1000
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
–
1000
1000
ns
SCKp high-/low-level
width
tKH1,
tKL1
4.0 V
≤ EVDD0 ≤ 5.5 V
tKCY1/2 –
12
tKCY1/2 –
50
tKCY1/2 –
50
ns
2.7 V
≤ EVDD0 ≤ 5.5 V
tKCY1/2 –
18
tKCY1/2 –
50
tKCY1/2 –
50
ns
2.4 V
≤ EVDD0 ≤ 5.5 V
tKCY1/2 –
38
tKCY1/2 –
50
tKCY1/2 –
50
ns
1.8 V
≤ EVDD0 ≤ 5.5 V
tKCY1/2 –
50
tKCY1/2 –
50
tKCY1/2 –
50
ns
1.7 V
≤ EVDD0 ≤ 5.5 V
tKCY1/2 –
100
tKCY1/2 –
100
tKCY1/2 –
100
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
–
tKCY1/2 –
100
tKCY1/2 –
100
ns
SIp setup time
(to SCKp
↑)
Note 1
tSIK1
4.0 V
≤ EVDD0 ≤ 5.5 V
44
110
110
ns
2.7 V
≤ EVDD0 ≤ 5.5 V
44
110
110
ns
2.4 V
≤ EVDD0 ≤ 5.5 V
75
110
110
ns
1.8 V
≤ EVDD0 ≤ 5.5 V
110
110
110
ns
1.7 V
≤ EVDD0 ≤ 5.5 V
220
220
220
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
–
220
220
ns
SIp hold time
(from SCKp
↑) Note 2
tKSI1
1.7 V
≤ EVDD0 ≤ 5.5 V
19
19
19
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
–
19
19
ns
Delay time from
SCKp
↓ to SOp
output Note 3
tKSO1
1.7 V
≤ EVDD0 ≤ 5.5 V
C = 30 pFNote 4
25
25
25
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
C = 30 pFNote 4
–
25
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com