Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LEDXXXFB Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 165Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 166Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 167Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 168Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 169Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 170Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 171Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 172Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
169 of 200
Jun 30, 2020
3.6.4 LVD circuit characteristics
LVD Detection Voltage of Reset Mode and Interrupt Mode
(TA = –40 to +105°C, VPDR
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection
voltage
Supply voltage level
VLVD0
The power supply voltage is rising.
3.90
4.06
4.22
V
The power supply voltage is falling.
3.83
3.98
4.13
V
VLVD1
The power supply voltage is rising.
3.60
3.75
3.90
V
The power supply voltage is falling.
3.53
3.67
3.81
V
VLVD2
The power supply voltage is rising.
3.01
3.13
3.25
V
The power supply voltage is falling.
2.94
3.06
3.18
V
VLVD3
The power supply voltage is rising.
2.90
3.02
3.14
V
The power supply voltage is falling.
2.85
2.96
3.07
V
VLVD4
The power supply voltage is rising.
2.81
2.92
3.03
V
The power supply voltage is falling.
2.75
2.86
2.97
V
VLVD5
The power supply voltage is rising.
2.70
2.81
2.92
V
The power supply voltage is falling.
2.64
2.75
2.86
V
VLVD6
The power supply voltage is rising.
2.61
2.71
2.81
V
The power supply voltage is falling.
2.55
2.65
2.75
V
VLVD7
The power supply voltage is rising.
2.51
2.61
2.71
V
The power supply voltage is falling.
2.45
2.55
2.65
V
Minimum pulse width
tLW
300
µs
Detection delay time
300
µs
LVD Detection Voltage of Interrupt & Reset Mode
(TA = –40 to +105°C, VPDR
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Interrupt and reset
mode
VLVDD0
VPOC2, VPOC1, VPOC0 = 0, 1, 1, falling reset voltage
2.64
2.75
2.86
V
VLVDD1
LVIS1, LVIS0 = 1, 0
Rising release reset voltage
2.81
2.92
3.03
V
Falling interrupt voltage
2.75
2.86
2.97
V
VLVDD2
LVIS1, LVIS0 = 0, 1
Rising release reset voltage
2.90
3.02
3.14
V
Falling interrupt voltage
2.85
2.96
3.07
V
VLVDD3
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
3.90
4.06
4.22
V
Falling interrupt voltage
3.83
3.98
4.13
V
3.6.5 Power supply voltage rising slope characteristics
(TA = –40 to +105°C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage rising slope
SVDD
54
V/ms
Caution
Make sure to keep the internal reset state by the LVD circuit or an external reset until VDD reaches the
operating voltage range shown in 3.4 AC Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com