Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGSB200M65DF2AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 5 Page - STMicroelectronics

  STGSB200M65DF2AG Datasheet HTML 1Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 2Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 3Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 4Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 5Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Power dissipation vs case temperature
GADG250520200913PDT
600
400
200
0
-50
0
50
100
150
PTOT
(W)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 2. Collector current vs case temperature
GADG250520200914CCT
200
160
120
80
40
0
-50
0
50
100
150
IC
(A)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 3. Output characteristics (TJ = 25 °C)
GADG250520200908OC25
160
120
80
40
0
0.0
0.5
1.0
1.5
2.0
2.5
IC
(A)
VCE (V)
13 V
VGE = 7 V
9 V
11 V
VGE = 15, 17, 19 V
Figure 4. Output characteristics (TJ = 175 °C)
GADG250520200909OC175
160
120
80
40
0
0.0
0.5
1.0
1.5
2.0
2.5
IC
(A)
VCE (V)
VGE = 7 V
9 V
11 V
13 V
VGE = 15, 17, 19 V
Figure 5. VCE(sat) vs junction temperature
GADG250520200912VCET
2.6
2.2
1.8
1.4
1.0
-50
0
50
100
150
VCE(sat)
(V)
TJ (°C)
VGE = 15 V,
IC = 200 A
Figure 6. VCE(sat) vs collector current
GADG250520200910VCEC
160
120
80
40
0
0.0
0.5
1.0
1.5
2.0
2.5
IC
(A)
VCE(sat) (V)
TJ = -40 °C
TJ = 175 °C
TJ = 25 °C
VGE = 15 V
STGSB200M65DF2AG
Electrical characteristics (curves)
DS13367 - Rev 3
page 5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com