Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGSB200M65DF2AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 4 Page - STMicroelectronics

  STGSB200M65DF2AG Datasheet HTML 1Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 2Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 3Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 4Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 5Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Table 5. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCC = 400 V, VGK = -8 to 15 V,
RG = 4.7 Ω, IC = 200 A
(see Figure 26. Test circuit for inductive
load switching and Figure 28. Switching
waveform)
122
-
ns
tr
Current rise time
54.4
-
ns
Eon(1)
Turn-on switching energy
3.82
-
mJ
td(off)
Turn-off delay time
250
-
ns
tf
Current fall time
76.5
-
ns
Eoff (2)
Turn-off switching energy
6.97
-
mJ
td(on)
Turn-on delay time
VCC = 400 V, VGK = -8 to 15 V,
RG = 4.7 Ω, IC = 200 A, TJ = 175 °C
(see Figure 26. Test circuit for inductive
load switching and Figure 28. Switching
waveform)
128
-
ns
tr
Current rise time
65.6
-
ns
Eon(1)
Turn-on switching energy
7.4
-
mJ
td(off)
Turn-off delay time
266
-
ns
tf
Current fall time
146.6
-
ns
Eoff (2)
Turn-off switching energy
9.16
-
mJ
tsc
Short circuit withstand time
VCC ≤ 400 V, VGE = 15 V,
RG =4.7 Ω, TJstart = 150 °C
6
-
μs
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
Table 6. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 200 A, VR = 400 V,
VGE = -8 to 15 V, RG =4.7 Ω
(see Figure 29. Diode reverse recovery
waveform)
-
174.5
-
ns
Qrr
Reverse recovery charge
-
8.6
-
μC
Irrm
Reverse recovery current
-
108.5
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
1503
-
A/µs
Err
Reverse recovery energy
-
2396
-
µJ
trr
Reverse recovery time
IF = 200 A, VR = 400 V,
VGE = -8 to 15 V, RG =4.7 Ω, TJ = 175 °C
(see Figure 29. Diode reverse recovery
waveform)
-
264.3
-
ns
Qrr
Reverse recovery charge
-
25.5
-
µC
Irrm
Reverse recovery current
-
192.2
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
1247
-
A/µs
Err
Reverse recovery energy
-
7117
-
µJ
STGSB200M65DF2AG
Electrical characteristics
DS13367 - Rev 3
page 4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com