Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGSB200M65DF2AG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGSB200M65DF2AG Datasheet HTML 3Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 4Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 5Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Figure 13. Capacitance variations
GADG250520200737CVR
10 4
10 3
10 2
10 1
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
Cies
Coes
Cres
f = 1 MHz
Figure 14. Gate charge vs gate-emitter voltage
GADG250520200738QVG
18
15
12
9
6
3
0
0
100 200 300 400 500 600
VGE
(V)
Qg (nC)
IC = 200 A
VCC = 520 V,
Figure 15. Switching energy vs collector current
GADG301020200956SLC
40
30
20
10
0
0
100
200
300
400
E
(mJ)
IC (A)
Etot
Eoff
Eon
VCC = 400 V,
RG = 4.7 Ω,
VGE = -8 to 15 V,
TJ = 175 °C
Figure 16. Switching energy vs gate resistance
GADG301020201004SLG
30
25
20
15
10
5
0
0
4
8
12
16
20
E
(mJ)
RG (Ohm)
Eon
Etot
Eoff
VCC = 400 V,
IC = 200 A,
VGE = -8 to 15 V,
TJ = 175 °C
Figure 17. Switching energy vs temperature
GADG250520200743SLT
16
12
8
4
0
0
50
100
150
E
(mJ)
TJ (°C)
Etot
Eoff
Eon
VGE = -8 to 15 V
RG = 4.7 Ω,
VCC = 400 V, IC = 200 A,
Figure 18. Switching energy vs collector emitter voltage
GADG250520200743SLV
24
20
16
12
8
4
0
150
250
350
450
E
(mJ)
VCE (V)
Eon
Eoff
Etot
RG = 4.7 Ω,
IC = 200 A,
VGE = -8 to 15 V,
TJ = 175 °C
STGSB200M65DF2AG
Electrical characteristics (curves)
DS13367 - Rev 3
page 7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com