Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGSB200M65DF2AG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGSB200M65DF2AG Datasheet HTML 2Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 3Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 4Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 5Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Figure 7. Collector current vs switching frequency
GADG250520200915CCS
500
400
300
200
100
0
10-1
100
101
IC
(A)
f (kHz)
TJ = 100 °C
TJ = 80 °C
Rectangular current shape
(duty cycle = 0.5,
VGE = 0 to 15 V, TJ = 175 °C)
VCC = 400 V, RG = 4.7 Ω
Figure 8. Forward bias safe operating area
GADG250520200805FSOA
102
101
100
10-1
10 0
10 1
10 2
IC
(A)
VCE (V)
tp =10µs
tp =100µs
tp =1ms
tp =10ms
V(BR)CES
Single pulse
TJ = 175 °C,
TC = 25 °C,
VCE(sat)
Figure 9. Transfer characteristics
GADG250520200911TCH
160
120
80
40
0
4
5
6
7
8
9
IC
(A)
VGE (V)
TJ = 175 °C
TJ = 25 °C
VCE = 6 V
Figure 10. Diode VF vs forward current
GADG250520200911DVF
160
120
80
40
0
0.0
0.5
1.0
1.5
2.0
IF
(A)
VF (V)
TJ = 175 °C
TJ = -40 °C
TJ = 25 °C
Figure 11. Normalized VGE(th) vs junction temperature
-50
0
50
100
150
T J (ºC)
0.6
0.7
0.8
0.9
1.0
1.1
VCE = VGE ,
IC = 1 mA
VGE(th)
(norm.)
GADG250520200929NVGE
Figure 12. Normalized V(BR)CES vs junction temperature
-50
0
50
100
150
T J (ºC)
0.90
0.94
0.98
1.02
1.06
V(BR)CES
(norm.)
IC = 1 mA
GADG250520200931NVBR
STGSB200M65DF2AG
Electrical characteristics (curves)
DS13367 - Rev 3
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com