Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGSB200M65DF2AG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGSB200M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 11Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 12Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 13Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3
Test circuits
Figure 26. Test circuit for inductive load switching
HB650_4_leads
K
E
RG
E
B
B
A
A
C
G
L=100 μH
G
C
D.U.T
3.3
μF
1000
μF
VCC
GND1
(signal ground)
GND2
(power ground)
Figure 27. Gate charge test circuit
GADG030820201115SA
Figure 28. Switching waveform
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
td(on)
ton
tr(Ion)
td(off)
toff
tf
tr(Voff)
tcross
90%
10%
Figure 29. Diode reverse recovery waveform
10
GADG140820170937SA
STGSB200M65DF2AG
Test circuits
DS13367 - Rev 3
page 10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com