Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B3LI Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32H7B3LI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3LI Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32H7B3LI Datasheet HTML 51Page - STMicroelectronics STM32H7B3LI Datasheet HTML 52Page - STMicroelectronics STM32H7B3LI Datasheet HTML 53Page - STMicroelectronics STM32H7B3LI Datasheet HTML 54Page - STMicroelectronics STM32H7B3LI Datasheet HTML 55Page - STMicroelectronics STM32H7B3LI Datasheet HTML 56Page - STMicroelectronics STM32H7B3LI Datasheet HTML 57Page - STMicroelectronics STM32H7B3LI Datasheet HTML 58Page - STMicroelectronics STM32H7B3LI Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 238 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
-
-
-
-
N7
-
-
-
-
-
-
R6
PJ0
I/O
FT
LCD_R7, LCD_R1,
EVENTOUT
-
-
-
-
-
-
-
-
P7
-
-
-
-
-
-
R7
PJ1
I/O
FT_ah1
OCTOSPIM_P2_IO4,
LCD_R2, EVENTOUT
-
-
-
-
-
-
-
-
R7
-
-
-
-
-
-
P7
PJ2
I/O
FT_ah1
OCTOSPIM_P2_IO5,
LCD_R3, EVENTOUT
-
-
-
-
-
-
-
-
R8
-
-
-
-
-
-
N8
PJ3
I/O
FT
UART9_RTS, LCD_R4,
EVENTOUT
-
-
-
-
-
-
-
-
P8
-
-
-
-
-
-
M9
PJ4
I/O
FT
UART9_CTS, LCD_R5,
EVENTOUT
-
-
-
52
-
M6
N7
58
N8
-
-
-
49
R6
59
P8
PF11
I/O
FT_ah1
SPI5_MOSI,
OCTOSPIM_P1_NCLK,
SAI2_SD_B,
FMC_SDNRAS,
DCMI_D12/PSSI_D12,
EVENTOUT
ADC1_INP2
-
-
-
-
N6
P11
59
R9
-
-
-
50
P6
60
M6
PF12
I/O
FT_ah2
OCTOSPIM_P2_DQS,
FMC_A6, EVENTOUT
ADC1_INP6,
ADC1_INN2
-
-
-
-
-
F10
-
K8
-
-
-
51
M8
61
K7
VSS
S
-
-
-
-
-
-
-
-
L12
-
K9
-
-
-
52
N8
62
L8
VDD
S
-
-
-
-
-
-
-
G7
N11
60
M8
-
-
-
53
N6
63
N6
PF13
I/O
FT_ah2
DFSDM1_DATIN6,
I2C4_SMBA, FMC_A7,
EVENTOUT
ADC2_INP2
-
-
53
K7
H7
R10
61
P9
-
-
-
54
R7
64
P6
PF14
I/O
FT_fah2
DFSDM1_CKIN6,
I2C4_SCL, FMC_A8,
EVENTOUT
ADC2_INP6,
ADC2_INN2
-
-
54
-
J7
N10
62
N9
-
-
-
55
P7
65
M8
PF15
I/O
FT_fh2
I2C4_SDA, FMC_A9,
EVENTOUT
-
-
-
-
-
K7
P8
63
R10
-
-
-
56
N7
66
N7
PG0
I/O
FT_h2
OCTOSPIM_P2_IO4,
UART9_RX, FMC_A10,
EVENTOUT
-
-
-
55
-
-
F12
64
-
-
-
-
-
K8
-
-
VSS
S
-
-
-
-
-
56
-
-
M5
65
-
-
-
-
-
N10
-
-
VDD
S
-
-
-
-
-
-
-
L7
N9
66
P10
-
-
-
57
M7
67
M7
PG1
I/O
FT_h2
OCTOSPIM_P2_IO5,
UART9_TX, FMC_A11,
EVENTOUT
OPAMP2_VINM
40
H5
57
L7
G8
P9
67
M9
-
H5
37
58
R8
68
R8
PE7
I/O
FT_ah2
TIM1_ETR,
DFSDM1_DATIN2,
UART7_Rx,
OCTOSPIM_P1_IO4,
FMC_D4/FMC_DA4,
EVENTOUT
OPAMP2_VOUT,
COMP2_INM
41
J6
58
H6
H8
N8
68
R11
-
J5
38
59
P8
69
N9
PE8
I/O
FT_ah2
TIM1_CH1N,
DFSDM1_CKIN2,
UART7_Tx,
OCTOSPIM_P1_IO5,
FMC_D5/FMC_DA5,
COMP2_OUT,
EVENTOUT
OPAMP2_VINM
-
K6
59
J6
J8
R11
69
P11
-
K5
39
60
P9
70
P9
PE9
I/O
FT_ah2
TIM1_CH1,
DFSDM1_CKOUT,
UART7_RTS,
OCTOSPIM_P1_IO6,
FMC_D6/FMC_DA6,
EVENTOUT
OPAMP2_VINP,
COMP2_INP
-
-
-
K6
M11
G6
70
K10
-
-
-
61
K9
71
K8
VSS
S
-
-
-
STM32H7B3xI
Pin descriptions
DS13139 - Rev 8
page 55/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com