Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B3LI Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32H7B3LI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3LI Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32H7B3LI Datasheet HTML 9Page - STMicroelectronics STM32H7B3LI Datasheet HTML 10Page - STMicroelectronics STM32H7B3LI Datasheet HTML 11Page - STMicroelectronics STM32H7B3LI Datasheet HTML 12Page - STMicroelectronics STM32H7B3LI Datasheet HTML 13Page - STMicroelectronics STM32H7B3LI Datasheet HTML 14Page - STMicroelectronics STM32H7B3LI Datasheet HTML 15Page - STMicroelectronics STM32H7B3LI Datasheet HTML 16Page - STMicroelectronics STM32H7B3LI Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 238 page
background image
The flash memory is organized as follows:
Two independent 1 Mbyte banks of user flash memory, each one containing 128 user sectors of 8 Kbytes
each.
128 Kbytes of System flash memory from which the device can boot.
1 Kbyte of OTP (one-time programmable) memory containing option bytes for user configuration.
3.3.2
Secure access mode
In addition to other typical memory protection mechanism (RDP, PCROP), STM32H7B3xI devices embed the
Secure access mode, an enhanced security feature. This mode allows developing user-defined secure services
by ensuring, on the one hand code and data protection and on the other hand code safe execution.
Two types of secure services are available:
STMicroelectronics Root Secure Services:
These services are embedded in System memory. They provide a secure solution for firmware and third-party
modules installation. These services rely on cryptographic algorithms based on a device unique private key.
User-defined secure services:
These services are embedded in user flash memory. Examples of user secure services are proprietary user
firmware update solution, secure flash integrity check or any other sensitive applications that require a high level
of protection.
The secure firmware is embedded in specific user flash memory areas configured through option bytes.
Secure services are executed just after a reset and preempt all other applications to guarantee protected and safe
execution. Once executed, the corresponding code and data are no more accessible.
The above secure services are available only for Cortex®-M7 core operating in Secure access mode. The other
masters cannot access the option bytes involved in Secure access mode settings or the flash secured areas.
3.3.3
Embedded SRAM
All devices feature:
1 Mbyte of AXI-SRAM mapped onto AXI bus matrix in CPU domain (CD) split into:
AXI-SRAM1: 256 Kbytes
AXI-SRAM2: 384 Kbytes
AXI-SRAM3: 384 Kbytes
128 Kbytes of AHB-RAM mapped onto AHB bus matrix in CPU domain (CD) split into:
AHB-SRAM1: 64 Kbytes
AHB-SRAM2: 64 Kbytes
32 Kbytes of SRD-SRAM mapped in Smart Run Domain (SRD)
4 Kbytes of backup SRAM
The content of this area is protected against possible unwanted write accesses, and is retained in Standby or
VBAT mode.
RAM mapped to TCM interface (ITCM and DTCM):
Both ITCM and DTCM RAMs are 0 wait state memories that are accessible from the CPU or the MDMA (even in
Sleep mode) through a specific AHB slave of the CPU(AHBP).
64 Kbytes of ITCM-RAM (instruction RAM)
This RAM is connected to ITCM 64-bit interface designed for execution of critical real-times routines by the CPU.
128 Kbytes of DTCM-RAM (2x 64 Kbyte DTCM-RAMs on 2x32-bit DTCM ports)
The DTCM-RAM could be used for critical real-time data, such as interrupt service routines or stack/heap
memory. Both DTCM-RAMs can be used in parallel (for load/store operations) thanks to the Cortex®-M7 dual
issue capability.
STM32H7B3xI
Memories
DS13139 - Rev 8
page 13/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com