Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B3LI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32H7B3LI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3LI Datasheet(HTML) 2 Page - STMicroelectronics

  STM32H7B3LI Datasheet HTML 1Page - STMicroelectronics STM32H7B3LI Datasheet HTML 2Page - STMicroelectronics STM32H7B3LI Datasheet HTML 3Page - STMicroelectronics STM32H7B3LI Datasheet HTML 4Page - STMicroelectronics STM32H7B3LI Datasheet HTML 5Page - STMicroelectronics STM32H7B3LI Datasheet HTML 6Page - STMicroelectronics STM32H7B3LI Datasheet HTML 7Page - STMicroelectronics STM32H7B3LI Datasheet HTML 8Page - STMicroelectronics STM32H7B3LI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 238 page
background image
Reset and power management
2 separate power domains, which can be independently clock gated to maximize power efficiency:
CPU domain (CD) for Arm® Cortex® core and its peripherals, which can be independently switched in
Retention mode
Smart run domain (SRD) for reset and clock control, power management and some peripherals
1.62 to 3.6 V application supply and I/Os
POR, PDR, PVD and BOR
Dedicated USB power embedding a 3.3 V internal regulator to supply the internal PHYs
Dedicated SDMMC power supply
High power efficiency SMPS step-down converter regulator to directly supply VCORE or an external circuitry
Embedded regulator (LDO) with configurable scalable output to supply the digital circuitry
Voltage scaling in Run and Stop mode
Backup regulator (~0.9 V)
Low-power modes: Sleep, Stop and Standby
VBAT battery operating mode with charging capability
CPU and domain power state monitoring pins
Interconnect matrix
3 bus matrices (1 AXI and 2 AHB)
Bridges (5× AHB2APB, 3× AXI2AHB)
5 DMA controllers to unload the CPU
1× high-speed general-purpose master direct memory access controller (MDMA)
2× dual-port DMAs with FIFO and request router capabilities
1× basic DMA with request router capabilities
1x basic DMA dedicated to DFSDM
Up to 35 communication peripherals
4× I2C FM+ interfaces (SMBus/PMBus)
5× USART/5x UARTs (ISO7816 interface, LIN, IrDA, modem control) and 1x LPUART
6× SPIs, including 4 with muxed full-duplex I2S audio class accuracy via internal audio PLL or external clock
and 1 x SPI/I2S in LP domain (up to 125 MHz)
2x SAIs (serial audio interface)
SPDIFRX interface
SWPMI single-wire protocol master interface
MDIO Slave interface
2× SD/SDIO/MMC interfaces (up to 133 MHz)
2× CAN controllers: 2 with CAN FD, 1 with time-triggered CAN (TT-CAN)
1× USB OTG interfaces (1HS/FS)
HDMI-CEC
8- to 14-bit camera interface up to 80 MHz
8-/16-bit parallel synchronous data input/output slave interface (PSSI)
11 analog peripherals
2× ADCs with 16-bit max. resolution (up to 24 channels, up to 3.6 MSPS)
1× analog and 1x digital temperature sensors
1× 12-bit single-channel DAC (in SRD domain) + 1× 12-bit dual-channel DAC
2× ultra-low-power comparators
2× operational amplifiers (8 MHz bandwidth)
2× digital filters for sigma delta modulator (DFSDM), 1x with 8 channels/8 filters and 1x in SRD domain with 2
channels/1 filter
STM32H7B3xI
DS13139 - Rev 8
page 2/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com