Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B3LI Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32H7B3LI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3LI Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32H7B3LI Datasheet HTML 55Page - STMicroelectronics STM32H7B3LI Datasheet HTML 56Page - STMicroelectronics STM32H7B3LI Datasheet HTML 57Page - STMicroelectronics STM32H7B3LI Datasheet HTML 58Page - STMicroelectronics STM32H7B3LI Datasheet HTML 59Page - STMicroelectronics STM32H7B3LI Datasheet HTML 60Page - STMicroelectronics STM32H7B3LI Datasheet HTML 61Page - STMicroelectronics STM32H7B3LI Datasheet HTML 62Page - STMicroelectronics STM32H7B3LI Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 238 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
60
G7
84
J1
J13
H14
97
K12
-
H8
61
85
M14
104
L12
PD14
I/O
FT_h2
TIM4_CH3,
UART8_CTS,
UART9_RX, FMC_D0/
FMC_DA0, EVENTOUT
-
61
G8
85
H1
J12
J12
98
K13
-
G8
62
86
L14
105
K13
PD15
I/O
FT_h2
TIM4_CH4,
UART8_RTS,
UART9_TX, FMC_D1/
FMC_DA1, EVENTOUT
-
-
-
-
-
-
-
-
K14
-
-
-
-
-
-
K12
PJ6
I/O
FT
TIM8_CH2, LCD_R7,
EVENTOUT
-
-
-
-
-
-
-
-
K15
-
-
-
-
-
-
J12
PJ7
I/O
FT
TRGIN, TIM8_CH2N,
LCD_G0, EVENTOUT
-
-
-
-
G1
-
-
99
-
-
-
-
-
-
-
-
VDD
S
-
-
-
-
-
-
G2
-
D6
100
H10
-
-
-
-
-
-
-
VSS
S
-
-
-
-
-
-
-
-
-
101
J15
-
-
-
-
-
-
H12
PJ8
I/O
FT
TIM1_CH3N,
TIM8_CH1,
UART8_TX, LCD_G1,
EVENTOUT
-
-
-
-
-
-
-
102
J14
-
-
-
-
-
-
J13
PJ9
I/O
FT
TIM1_CH3,
TIM8_CH1N,
UART8_RX, LCD_G2,
EVENTOUT
-
-
-
-
-
-
-
103
J13
-
-
-
-
-
-
H13
PJ10
I/O
FT
TIM1_CH2N,
TIM8_CH2,
SPI5_MOSI, LCD_G3,
EVENTOUT
-
-
-
-
-
-
-
104
J11
-
-
-
-
-
-
G12
PJ11
I/O
FT
TIM1_CH2,
TIM8_CH2N,
SPI5_MISO, LCD_G4,
EVENTOUT
-
-
-
-
-
-
-
105
G9
-
-
-
-
-
-
H11
VDD
S
-
-
-
-
-
-
-
-
G7
106
H8
-
-
-
-
K10
-
H10
VSS
S
-
-
-
-
-
-
-
-
-
107
J12
-
-
-
-
-
-
G13
PK0
I/O
FT
TIM1_CH1N,
TIM8_CH3, SPI5_SCK,
LCD_G5, EVENTOUT
-
-
-
-
-
-
-
108
H15
-
-
-
-
-
-
F12
PK1
I/O
FT
TIM1_CH1,
TIM8_CH3N, SPI5_SS,
LCD_G6, EVENTOUT
-
-
-
-
-
-
-
109
H14
-
-
-
-
-
-
F13
PK2
I/O
FT
TIM1_BKIN,
TIM8_BKIN,
TIM8_BKIN_COMP12,
TIM1_BKIN_COMP12,
LCD_G7, EVENTOUT
-
-
-
-
-
H9
G15
110
H13
-
-
-
87
L15
106
M13
PG2
I/O
FT_h2
TIM8_BKIN,
TIM8_BKIN_COMP12,
FMC_A12, EVENTOUT
-
-
-
-
-
H10
H13
111
G15
-
-
-
88
K15
107
M12
PG3
I/O
FT_h2
TIM8_BKIN2,
TIM8_BKIN2_COMP12,
FMC_A13, EVENTOUT
-
-
-
-
-
C12
H10
112
J8
-
-
-
-
G10
-
-
VSS
S
-
-
-
-
-
-
-
C13
-
113
J9
-
-
-
-
-
-
-
VDD
S
-
-
-
-
-
-
-
F8
G14
114
H12
-
-
-
89
K14
108
N12
PG4
I/O
FT_h2
TIM1_BKIN2,
TIM1_BKIN2_COMP12,
FMC_A14/FMC_BA0,
EVENTOUT
-
STM32H7B3xI
Pin descriptions
DS13139 - Rev 8
page 59/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com