Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B3LI Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32H7B3LI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3LI Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32H7B3LI Datasheet HTML 60Page - STMicroelectronics STM32H7B3LI Datasheet HTML 61Page - STMicroelectronics STM32H7B3LI Datasheet HTML 62Page - STMicroelectronics STM32H7B3LI Datasheet HTML 63Page - STMicroelectronics STM32H7B3LI Datasheet HTML 64Page - STMicroelectronics STM32H7B3LI Datasheet HTML 65Page - STMicroelectronics STM32H7B3LI Datasheet HTML 66Page - STMicroelectronics STM32H7B3LI Datasheet HTML 67Page - STMicroelectronics STM32H7B3LI Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 238 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
A7
120
F6
B9
D9
149
B10
-
C6
87
122
B11
150
B11
PD6
I/O
FT_sh3
SAI1_D1,
DFSDM1_CKIN4,
DFSDM1_DATIN1,
SPI3_MOSI/I2S3_SDO,
SAI1_SD_A,
USART2_RX,
OCTOSPIM_P1_IO6,
SDMMC2_CK,
FMC_NWAIT,
DCMI_D10/PSSI_D10,
LCD_B2, EVENTOUT
-
-
C6
121
E6
D8
B8
150
A10
-
D6
88
123
A11
151
A11
PD7
I/O
FT_sh3
DFSDM1_DATIN4,
SPI1_MOSI/I2S1_SDO,
DFSDM1_CKIN1,
USART2_CK,
SPDIFRX1_IN0,
OCTOSPIM_P1_IO7,
SDMMC2_CMD,
FMC_NE1, EVENTOUT
-
-
-
-
-
-
-
-
E9
-
-
-
-
-
-
B10
PJ12
I/O
FT
TRGOUT, LCD_G3,
LCD_B0, EVENTOUT
-
-
-
-
-
-
-
-
D9
-
-
-
-
-
-
B9
PJ13
I/O
FT
LCD_B4, LCD_B1,
EVENTOUT
-
-
-
-
-
-
-
-
C9
-
-
-
-
-
-
C9
PJ14
I/O
FT
LCD_B2, EVENTOUT
-
-
-
-
-
-
-
-
B9
-
-
-
-
-
-
D10
PJ15
I/O
FT
LCD_B3, EVENTOUT
-
-
-
-
A5
-
K6
151
-
-
-
-
-
H7
-
-
VSS
S
-
-
-
-
-
-
B5
A6
D5
152
E8
-
-
-
-
C8
-
E9
VDDMMC
S
-
-
-
-
-
122
D6
C8
A8
153
A9
-
-
-
124
C10
152
D9
PG9
I/O
FT_sh3
SPI1_MISO/I2S1_SDI,
USART6_RX,
SPDIFRX1_IN3,
OCTOSPIM_P1_IO6,
SAI2_FS_B,
SDMMC2_D0,
FMC_NE2/FMC_NCE,
DCMI_VSYNC/
PSSI_RDY,
EVENTOUT
-
-
-
123
A6
A8
C8
154
A8
-
-
-
125
B10
153
C8
PG10
I/O
FT_sh3
OCTOSPIM_P2_IO6,
SPI1_SS/I2S1_WS,
LCD_G3, SAI2_SD_B,
SDMMC2_D1,
FMC_NE3, DCMI_D2/
PSSI_D2, LCD_B2,
EVENTOUT
-
-
-
124
B6
B8
A7
155
B8
-
-
-
126
B9
154
B8
PG11
I/O
FT_sh3
LPTIM1_IN2,
SPI1_SCK/I2S1_CK,
SPDIFRX1_IN0,
OCTOSPIM_P2_IO7,
SDMMC2_D2,
USART10_RX,
DCMI_D3/PSSI_D3,
LCD_B3, EVENTOUT
-
-
-
125
C6
E8
D8
156
C8
-
-
-
127
B8
155
C7
PG12
I/O
FT_sh3
LPTIM1_IN1,
OCTOSPIM_P2_NCS,
SPI6_MISO/I2S6_SDI,
USART6_RTS,
SPDIFRX1_IN1,
LCD_B4,
SDMMC2_D3,
USART10_TX,
FMC_NE4, LCD_B1,
EVENTOUT
-
STM32H7B3xI
Pin descriptions
DS13139 - Rev 8
page 64/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com