Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32C011F6U6 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32C011F6U6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6U6 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32C011F6U6 Datasheet HTML 54Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 55Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 56Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 57Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 58Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 59Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 60Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 61Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
Electrical characteristics
STM32C011x4/x6
58/94
DS13866 Rev 3
tprog_bank
Bank (32 Kbyte(2))
programming time
Normal programming
-
0.4
0.6
s
Fast programming
-
0.2
0.4
tME
Mass erase time
-
-
22.1
40.1
ms
IDD(FlashA)
Average consumption from
VDD
Programming
-
3.0
-
mA
Page erase
-
3.0
-
Mass erase
-
5.0
-
IDD(FlashP) Maximum current (peak)
Programming, 2 µs peak
duration
-7.0
-
mA
Erase, 41 µs peak duration
-
7.0
-
1. Specified by design – Not tested in production.
2. Values provided also apply to devices with less flash memory than one 32 Kbyte bank
Table 42. Flash memory characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 43. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
Unit
NEND
Endurance
TJ = -40 to +130 °C
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
30
Years
1 kcycle(2) at TA = 105 °C
15
1 kcycle(2) at TA = 125 °C
7
10 kcycles(2) at TA = 55 °C
30
10 kcycles(2) at TA = 85 °C
15
10 kcycles(2) at TA = 105 °C
10
1. Evaluated by characterization – Not tested in production..
2. Cycling performed over the whole temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com