Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C554 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 40Page - NXP Semiconductors 87C554 Datasheet HTML 41Page - NXP Semiconductors 87C554 Datasheet HTML 42Page - NXP Semiconductors 87C554 Datasheet HTML 43Page - NXP Semiconductors 87C554 Datasheet HTML 44Page - NXP Semiconductors 87C554 Datasheet HTML 45Page - NXP Semiconductors 87C554 Datasheet HTML 46Page - NXP Semiconductors 87C554 Datasheet HTML 47Page - NXP Semiconductors 87C554 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
44
Table 6.
Master Transmitter Mode
STATUS
STATUS OF THE
APPLICATION SOFTWARE RESPONSE
STATUS
CODE
(S1STA)
STATUS OF THE
I2C BUS AND
SIO1 HARDWARE
TO/FROM S1DAT
TO S1CON
NEXT ACTION TAKEN BY SIO1 HARDWARE
(S1STA)
SIO1 HARDWARE
TO/FROM S1DAT
STA
STO
SI
AA
08H
A START condition has
been transmitted
Load SLA+W
X
0
0
X
SLA+W will be transmitted;
ACK bit will be received
10H
A repeated START
diti
h
b
Load SLA+W or
X
0
0
X
As above
condition has been
transmitted
Load SLA+R
X
0
0
X
SLA+W will be transmitted;
SIO1 will be switched to MST/REC mode
18H
SLA+W has been
transmitted; ACK has
bi
d
Load data byte or
0
0
0
X
Data byte will be transmitted;
ACK bit will be received
been received
no S1DAT action or
1
0
0
X
Repeated START will be transmitted;
no S1DAT action or
0
1
0
X
STOP condition will be transmitted;
STO flag will be reset
no S1DAT action
1
1
0
X
STOP condition followed by a
START condition will be transmitted;
STO flag will be reset
20H
SLA+W has been
transmitted; NOT ACK
hb
i
d
Load data byte or
0
0
0
X
Data byte will be transmitted;
ACK bit will be received
has been received
no S1DAT action or
1
0
0
X
Repeated START will be transmitted;
no S1DAT action or
0
1
0
X
STOP condition will be transmitted;
STO flag will be reset
no S1DAT action
1
1
0
X
STOP condition followed by a
START condition will be transmitted;
STO flag will be reset
28H
Data byte in S1DAT has
been transmitted; ACK
hb
i
d
Load data byte or
0
0
0
X
Data byte will be transmitted;
ACK bit will be received
has been received
no S1DAT action or
1
0
0
X
Repeated START will be transmitted;
no S1DAT action or
0
1
0
X
STOP condition will be transmitted;
STO flag will be reset
no S1DAT action
1
1
0
X
STOP condition followed by a
START condition will be transmitted;
STO flag will be reset
30H
Data byte in S1DAT has
been transmitted; NOT
ACK h
b
i
d
Load data byte or
0
0
0
X
Data byte will be transmitted;
ACK bit will be received
ACK has been received
no S1DAT action or
1
0
0
X
Repeated START will be transmitted;
no S1DAT action or
0
1
0
X
STOP condition will be transmitted;
STO flag will be reset
no S1DAT action
1
1
0
X
STOP condition followed by a
START condition will be transmitted;
STO flag will be reset
38H
Arbitration lost in
SLA+R/W or
Db
No S1DAT action or
0
0
0
X
I2C bus will be released;
not addressed slave will be entered
Data bytes
No S1DAT action
1
0
0
X
A START condition will be transmitted when the
bus becomes free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com