Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C554 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 68Page - NXP Semiconductors 87C554 Datasheet HTML 69Page - NXP Semiconductors 87C554 Datasheet HTML 70Page - NXP Semiconductors 87C554 Datasheet HTML 71Page - NXP Semiconductors 87C554 Datasheet HTML 72Page - NXP Semiconductors 87C554 Datasheet HTML 73Page - NXP Semiconductors 87C554 Datasheet HTML 74Page - NXP Semiconductors 87C554 Datasheet HTML 75Page - NXP Semiconductors 87C554 Datasheet HTML 76Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
73
EPROM CHARACTERISTICS
The 87C554 contains three signature bytes that can be read and
used by an EPROM programming system to identify the device. The
signature bytes identify the device as an 87C554 manufactured by
Philips:
(030H) = 15H indicates manufactured by Philips Components
(031H) = 93H indicates 87C554
(60H) =
01H
Program Verification
If security bits 2 or 3 have not been programmed, the on-chip
program memory can be read out for program verification.
Security Bits
With none of the security bits programmed the code in the program
memory can be verified. When only security bit 1 (see Table 12) is
programmed, MOVC instructions executed from external program
memory are disabled from fetching code bytes from the internal
memory, EA is latched on Reset and all further programming of the
EPROM is disabled. When security bits 1 and 2 are programmed, in
addition to the above, verify mode is disabled.
When all three security bits are programmed, all of the conditions
above apply and all external program memory execution is disabled.
Table 12. Program Security Bits for EPROM Devices
PROGRAM LOCK BITS1, 2
SB1
SB2
SB3
PROTECTION DESCRIPTION
1
U
U
U
No Program Security features enabled. (Code verify will still be encrypted by the Encryption Array if
programmed.)
2
P
U
U
MOVC instructions executed from external program memory are disabled from fetching code bytes from
internal memory, EA is sampled and latched on Reset, and further programming of the EPROM is disabled.
3
P
P
U
Same as 2, also verify is disabled.
4
P
P
P
Same as 3, external execution is disabled.
NOTES:
1. P – programmed. U – unprogrammed.
2. Any other combination of the security bits is not defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com