Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C554 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 43Page - NXP Semiconductors 87C554 Datasheet HTML 44Page - NXP Semiconductors 87C554 Datasheet HTML 45Page - NXP Semiconductors 87C554 Datasheet HTML 46Page - NXP Semiconductors 87C554 Datasheet HTML 47Page - NXP Semiconductors 87C554 Datasheet HTML 48Page - NXP Semiconductors 87C554 Datasheet HTML 49Page - NXP Semiconductors 87C554 Datasheet HTML 50Page - NXP Semiconductors 87C554 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
47
Table 8.
Slave Receiver Mode (Continued)
STATUS
STATUS OF THE
APPLICATION SOFTWARE RESPONSE
STATUS
CODE
(S1STA)
STATUS OF THE
I2C BUS AND
SIO1 HARDWARE
TO/FROM S1DAT
TO S1CON
NEXT ACTION TAKEN BY SIO1 HARDWARE
(S1STA)
SIO1 HARDWARE
TO/FROM S1DAT
STA
STO
SI
AA
A0H
A STOP condition or
repeated START
di i
h
b
No STDAT action or
0
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address
condition has been
received while still
addressed as
SLV/REC or SLV/TRX
No STDAT action or
0
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1
SLV/REC or SLV/TRX
No STDAT action or
1
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address. A START
condition will be transmitted when the bus becomes
free
No STDAT action
1
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1. A START condition
will be transmitted when the bus becomes free.
Table 9.
Slave Transmitter Mode
STATUS
STATUS OF THE
APPLICATION SOFTWARE RESPONSE
STATUS
CODE
(S1STA)
STATUS OF THE
I2C BUS AND
SIO1 HARDWARE
TO/FROM S1DAT
TO S1CON
NEXT ACTION TAKEN BY SIO1 HARDWARE
(S1STA)
SIO1 HARDWARE
TO/FROM S1DAT
STA
STO
SI
AA
A8H
Own SLA+R has
been received; ACK
hb
d
Load data byte or
X
0
0
0
Last data byte will be transmitted and ACK bit will be
received
has been returned
load data byte
X
0
0
1
Data byte will be transmitted; ACK will be received
B0H
Arbitration lost in
SLA+R/W as master;
Own SLA+R has
Load data byte or
X
0
0
0
Last data byte will be transmitted and ACK bit will be
received
been received, ACK
has been returned
load data byte
X
0
0
1
Data byte will be transmitted; ACK bit will be received
B8H
Data byte in S1DAT
has been transmitted;
ACK has been
Load data byte or
X
0
0
0
Last data byte will be transmitted and ACK bit will be
received
ACK has been
received
load data byte
X
0
0
1
Data byte will be transmitted; ACK bit will be received
C0H
Data byte in S1DAT
has been transmitted;
NOT ACK h
b
No S1DAT action or
0
0
0
01
Switched to not addressed SLV mode; no recognition
of own SLA or General call address
NOT ACK has been
received
no S1DAT action or
0
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1
no S1DAT action or
1
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address. A START
condition will be transmitted when the bus becomes
free
no S1DAT action
1
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1. A START condition
will be transmitted when the bus becomes free.
C8H
Last data byte in
S1DAT has been
i
d (AA
0)
No S1DAT action or
0
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address
transmitted (AA = 0);
ACK has been
received
no S1DAT action or
0
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1
no S1DAT action or
1
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address. A START
condition will be transmitted when the bus becomes
free
no S1DAT action
1
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1. A START condition
will be transmitted when the bus becomes free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com