Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C554 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 34Page - NXP Semiconductors 87C554 Datasheet HTML 35Page - NXP Semiconductors 87C554 Datasheet HTML 36Page - NXP Semiconductors 87C554 Datasheet HTML 37Page - NXP Semiconductors 87C554 Datasheet HTML 38Page - NXP Semiconductors 87C554 Datasheet HTML 39Page - NXP Semiconductors 87C554 Datasheet HTML 40Page - NXP Semiconductors 87C554 Datasheet HTML 41Page - NXP Semiconductors 87C554 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
38
If the STA and STO bits are both set, the a STOP condition is
transmitted to the I2C bus if SIO1 is in a master mode (in a slave
mode, SIO1 generates an internal STOP condition which is not
transmitted). SIO1 then transmits a START condition.
STO = “0”: When the STO bit is reset, no STOP condition will be
generated.
SI, THE SERIAL INTERRUPT FLAG
SI = “1”: When the SI flag is set, then, if the EA and ES1 (interrupt
enable register) bits are also set, a serial interrupt is requested. SI is
set by hardware when one of 25 of the 26 possible SIO1 states is
entered. The only state that does not cause SI to be set is state
F8H, which indicates that no relevant state information is available.
While SI is set, the low period of the serial clock on the SCL line is
stretched, and the serial transfer is suspended. A high level on the
SCL line is unaffected by the serial interrupt flag. SI must be reset
by software.
SI = “0”: When the SI flag is reset, no serial interrupt is requested,
and there is no stretching of the serial clock on the SCL line.
AA, THE ASSERT ACKNOWLEDGE FLAG
AA = “1”: If the AA flag is set, an acknowledge (low level to SDA) will
be returned during the acknowledge clock pulse on the SCL line
when:
– The “own slave address” has been received
– The general call address has been received while the general call
bit (GC) in S1ADR is set
– A data byte has been received while SIO1 is in the master
receiver mode
– A data byte has been received while SIO1 is in the addressed
slave receiver mode
AA = “0”: if the AA flag is reset, a not acknowledge (high level to
SDA) will be returned during the acknowledge clock pulse on SCL
when:
– A data has been received while SIO1 is in the master receiver
mode
– A data byte has been received while SIO1 is in the addressed
slave receiver mode
When SIO1 is in the addressed slave transmitter mode, state C8H
will be entered after the last serial is transmitted (see Figure 43).
When SI is cleared, SIO1 leaves state C8H, enters the not
addressed slave receiver mode, and the SDA line remains at a high
level. In state C8H, the AA flag can be set again for future address
recognition.
When SIO1 is in the not addressed slave mode, its own slave
address and the general call address are ignored. Consequently, no
acknowledge is returned, and a serial interrupt is not requested.
Thus, SIO1 can be temporarily released from the I2C bus while the
bus status is monitored. While SIO1 is released from the bus,
START and STOP conditions are detected, and serial data is shifted
in. Address recognition can be resumed at any time by setting the
AA flag. If the AA flag is set when the part’s own slave address or
the general call address has been partly received, the address will
be recognized at the end of the byte transmission.
CR0, CR1, AND CR2, THE CLOCK RATE BITS
These three bits determine the serial clock frequency when SIO1 is
in a master mode. The various serial rates are shown in Table 5.
A 12.5 kHz bit rate may be used by devices that interface to the I2C
bus via standard I/O port lines which are software driven and slow.
100 kHz is usually the maximum bit rate and can be derived from a
8 MHz, 6 MHz, or a 3 MHz oscillator. A variable bit rate (0.24 kHz to
62.5 kHz) may also be used if Timer 1 is not required for any other
purpose while SIO1 is in a master mode.
The frequencies shown in Table 5 are unimportant when SIO1 is in a
slave mode. In the slave modes, SIO1 will automatically synchronize
with any clock frequency up to 100 kHz.
The Status Register, S1STA: S1STA is an 8-bit read-only special
function register. The three least significant bits are always zero.
The five most significant bits contain the status code. There are 26
possible status codes. When S1STA contains F8H, no relevant state
information is available and no serial interrupt is requested. All other
S1STA values correspond to defined SIO1 states. When each of
these states is entered, a serial interrupt is requested (SI = “1”). A
valid status code is present in S1STA one machine cycle after SI is
set by hardware and is still present one machine cycle after SI has
been reset by software.
Table 5.
Serial Clock Rates
BIT FREQUENCY (kHz) AT fOSC
CR2
CR1
CR0
3 MHz
6 MHz
8 MHz
12 MHz2
15 MHz2
fOSC DIVIDED BY
0
0
0
23
47
62.5
94
1171
128
0
0
1
27
54
71
1071
1341
112
0
1
0
31
63
83.3
1251
1561
96
0
1
1
37
75
100
1501
1881
80
1
0
0
6.25
12.5
17
25
31
48
1
0
1
50
100
1331
2001
2501
60
1
1
0
100
200
2671
4001
5001
30
1
1
1
0.24 < 62.5
0 < 255
0.49 < 62.5
0 < 254
0.65 < 55.6
0 < 253
0.98 < 50.0
0 < 251
1.22 < 52.1
0 < 250
48
× (256 – (reload value Timer 1))
Reload value Timer 1 in Mode 2.
NOTES:
1. These frequencies exceed the upper limit of 100 kHz of the I2C-bus specification and cannot be used in an I2C-bus application.
2. At fOSC = 12 MHz/15 MHz the maximum I2C bus rate of 100 kHz cannot be realized due to the fixed divider rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com