Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C554 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 6Page - NXP Semiconductors 87C554 Datasheet HTML 7Page - NXP Semiconductors 87C554 Datasheet HTML 8Page - NXP Semiconductors 87C554 Datasheet HTML 9Page - NXP Semiconductors 87C554 Datasheet HTML 10Page - NXP Semiconductors 87C554 Datasheet HTML 11Page - NXP Semiconductors 87C554 Datasheet HTML 12Page - NXP Semiconductors 87C554 Datasheet HTML 13Page - NXP Semiconductors 87C554 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
10
Table 2. External Pin Status During Idle and Power-Down Modes
MODE
PROGRAM
MEMORY
ALE
PSEN
PORT 0
PORT 1
PORT 2
PORT 3
PORT 4
PWM0/
PWM1
Idle
Internal
1
1
Data
Data
Data
Data
Data
High
Idle
External
1
1
Float
Data
Address
Data
Data
High
Power-down
Internal
0
0
Data
Data
Data
Data
Data
High
Power-down
External
0
0
Float
Data
Data
Data
Data
High
With an external interrupt, INT0 and INT1 must be enabled and
configured as level-sensitive. Holding the pin low restarts the oscillator
but bringing the pin back high completes the exit. Once the interrupt
is serviced, the next instruction to be executed after RETI will be the
one following the instruction that put the device into Power Down.
POWER OFF FLAG
The Power Off Flag (POF) is set by on-chip circuitry when the VCC
level on the 8xC554 rises from 0 to 5 V. The POF bit can be set or
cleared by software allowing a user to determine if the reset is the
result of a power-on or a warm start after powerdown. The VCC level
must remain above 3 V for the POF to remain unaffected by the VCC
level.
Design Consideration
• When the idle mode is terminated by a hardware reset, the device
normally resumes program execution, from where it left off, up to
two machine cycles before the internal reset algorithm takes
control. On-chip hardware inhibits access to internal RAM in this
event, but access to the port pins is not inhibited. To eliminate
the possibility of an unexpected write when Idle is terminated by
reset, the instruction following the one that invokes Idle should not
be one that writes to a port pin or to external memory.
ONCE
™ Mode
The ONCE (“On-Circuit Emulation”) Mode facilitates testing and
debugging of systems without the device having to be removed from
the circuit. The ONCE Mode is invoked by:
1. Pull ALE low while the device is in reset and PSEN is high;
2. Hold ALE low as RST is deactivated.
While the device is in ONCE Mode, the Port 0 pins go into a float
state, and the other port pins and ALE and PSEN are weakly pulled
high. The oscillator circuit remains active. While the device is in this
mode, an emulator or test CPU can be used to drive the circuit.
Normal operation is restored when a normal reset is applied.
Reduced EMI Mode
The ALE-Off bit, AO (AUXR.0) can be set to disable the ALE output.
It will automatically become active when required for external
memory accesses and resume to the OFF state after completing the
external memory access.
If logic 1s are written to PD and IDL at the same time, PD takes precedence. The reset value of PCON is (00X00000).
SU00954
IDL
BIT
SYMBOL
FUNCTION
PCON.7
SMOD1
Double Baud rate bit. When set to logic 1, the baud rate is doubled when the serial port SIO0 is being
used in modes 1, 2, or 3.
PCON.6
SMOD0
Selects SM0/FE for SCON.7 bit.
PCON.5
POF
Power Off Flag
PCON.4
WLE
Watchdog Load Enable. This flag must be set by software prior to loading timer T3 (watchdog timer). It is
cleared when timer T3 is loaded.
PCON.3
GF1
General-purpose flag bit.
PCON.2
GF0
General-purpose flag bit.
PCON.1
PD
Power-down bit. Setting this bit activates the power-down mode. It can only be set if input EW is high.
PCON.0
IDL
Idle mode bit. Setting this bit activates the Idle mode.
PD
GF0
GF1
WLE
POF
SMOD0
SMOD1
0
1
2
3
4
5
6
7
(LSB)
(MSB)
PCON
(87H)
Figure 3. Power Control Register (PCON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com