Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87LPC769 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 4 Page - NXP Semiconductors

  87LPC769 Datasheet HTML 1Page - NXP Semiconductors 87LPC769 Datasheet HTML 2Page - NXP Semiconductors 87LPC769 Datasheet HTML 3Page - NXP Semiconductors 87LPC769 Datasheet HTML 4Page - NXP Semiconductors 87LPC769 Datasheet HTML 5Page - NXP Semiconductors 87LPC769 Datasheet HTML 6Page - NXP Semiconductors 87LPC769 Datasheet HTML 7Page - NXP Semiconductors 87LPC769 Datasheet HTML 8Page - NXP Semiconductors 87LPC769 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
1
2001 Jan 11
GENERAL DESCRIPTION
The 87LPC769 is a 20-pin single-chip microcontroller designed for
low pin count applications demanding high-integration, low cost
solutions over a wide range of performance requirements. A
member of the Philips low pin count family, the 87LPC769 offers
programmable oscillator configurations for high and low speed
crystals or RC operation, wide operating voltage range,
programmable port output configurations, selectable Schmitt trigger
inputs, LED drive outputs, and a built-in watchdog timer. The
87LPC769 is based on an accelerated 80C51 processor
architecture that executes instructions at twice the rate of standard
80C51 devices.
FEATURES
• An accelerated 80C51 CPU provides instruction cycle times of
300–600 ns for all instructions except multiply and divide when
executing at 20 MHz. Execution at up to 20 MHz when
VDD = 4.5 V to 5.5 V
• Four-channel multiplexed 8-bit A/D converter. Conversion time of
9.3
µS at fosc = 20 MHz.
• Two Digital to Analog Converter (DAC) outputs. (One D/A output
shared with the A/D).
• 4 Kbytes EPROM code memory.
• 128 byte RAM data memory.
• 32-byte customer code EPROM allows serialization of devices,
storage of setup parameters, etc.
• Two 16-bit counter/timers. Each timer may be configured to toggle
a port output upon timer overflow.
• Two analog comparators.
• Full duplex UART.
• I2C communication port.
• Eight keypad interrupt inputs, plus two additional external interrupt
inputs.
• Four interrupt priority levels.
• Watchdog timer with separate on-chip oscillator, requiring no
external components. The watchdog timeout time is selectable
from 8 values.
• Active low reset. On-chip power-on reset allows operation with no
external reset components.
• Low voltage reset to allow a graceful system shutdown when
power fails. May optionally be configured as an interrupt.
• Oscillator Fail Detect. The watchdog timer has a separate fully
on-chip oscillator, allowing it to perform an oscillator fail detect
function.
• Configurable on-chip oscillator with frequency range and RC
oscillator options (selected by user programmed EPROM bits).
The RC oscillator option allows operation with no external
oscillator components.
• Programmable port output configuration options:
quasi-bidirectional, open drain, push-pull, input-only.
• Selectable Schmitt trigger port inputs.
• LED drive capability (20 mA) on all port pins.
• Controlled slew rate port outputs to reduce EMI. Outputs have
approximately 10 ns minimum ramp times.
• 15 I/O pins minimum. Up to 18 I/O pins using on-chip oscillator
and reset options.
• Only power and ground connections are required to operate the
87LPC769 when fully on-chip oscillator and reset options are
selected.
• Serial EPROM programming allows simple in-circuit production
coding. Two EPROM security bits prevent reading of sensitive
application programs.
• Idle and Power Down reduced power modes. Improved wakeup
from Power Down mode (a low interrupt input starts execution).
Typical Power Down current is 1
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com