Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87LPC769 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 40Page - NXP Semiconductors 87LPC769 Datasheet HTML 41Page - NXP Semiconductors 87LPC769 Datasheet HTML 42Page - NXP Semiconductors 87LPC769 Datasheet HTML 43Page - NXP Semiconductors 87LPC769 Datasheet HTML 44Page - NXP Semiconductors 87LPC769 Datasheet HTML 45Page - NXP Semiconductors 87LPC769 Datasheet HTML 46Page - NXP Semiconductors 87LPC769 Datasheet HTML 47Page - NXP Semiconductors 87LPC769 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
41
80C51 INTERNAL BUS
SU01178
80C51 INTERNAL BUS
WRITE
TO
SBUF
SBUF
ZERO DETECTOR
RxD
P1.1 ALT
OUTPUT
FUNCTION
TX CONTROL
S
TX CLOCK
START
Q
CL
D
SERIAL PORT
INTERRUPT
SHIFT
CLOCK
SHIFT
SEND
S6
RXD
P1.1 ALT
INPUT
FUNCTION
LOAD
SBUF
TI
INPUT SHIFT REGISTER
START
RI
RECEIVE
SHIFT
TX CLOCK
RX CONTROL
REN
RI
SBUF
READ
SBUF
TRANSMIT
TxD
P1.0 ALT
OUTPUT
FUNCTION
SEND
RXD (DATA OUT)
D0
D1
D5
D2
D6
D3
D4
D7
TXD (SHIFT CLOCK)
SHIFT
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
S1 ... S6
WRITE TO SBUF
TI
RECEIVE
RECEIVE
D0
D1
D5
D2
D6
D3
D4
D7
TxD (SHIFT CLOCK)
SHIFT
WRITE TO SCON (CLEAR RI)
RI
RxD (DATA IN)
1
1
111
11
0
Figure 32. Serial Port Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com