Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87LPC769 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 2Page - NXP Semiconductors 87LPC769 Datasheet HTML 3Page - NXP Semiconductors 87LPC769 Datasheet HTML 4Page - NXP Semiconductors 87LPC769 Datasheet HTML 5Page - NXP Semiconductors 87LPC769 Datasheet HTML 6Page - NXP Semiconductors 87LPC769 Datasheet HTML 7Page - NXP Semiconductors 87LPC769 Datasheet HTML 8Page - NXP Semiconductors 87LPC769 Datasheet HTML 9Page - NXP Semiconductors 87LPC769 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
3
BLOCK DIAGRAM
SU01368
TIMER 0, 1
I2C
UART
ACCELERATED
80C51 CPU
WATCHDOG TIMER
AND OSCILLATOR
PORT 0
CONFIGURABLE I/OS
128 BYTE
DATA RAM
4K BYTE
CODE EPROM
INTERNAL BUS
ANALOG
COMPARATORS
PORT 1
CONFIGURABLE I/OS
KEYPAD
INTERRUPT
PORT 2
CONFIGURABLE I/OS
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
CONFIGURABLE
OSCILLATOR
CRYSTAL OR
RESONATOR
ON-CHIP
R/C
OSCILLATOR
A/D
CONVERTER
OR DAC OUTPUT
DAC
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com