Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87LPC769 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 36Page - NXP Semiconductors 87LPC769 Datasheet HTML 37Page - NXP Semiconductors 87LPC769 Datasheet HTML 38Page - NXP Semiconductors 87LPC769 Datasheet HTML 39Page - NXP Semiconductors 87LPC769 Datasheet HTML 40Page - NXP Semiconductors 87LPC769 Datasheet HTML 41Page - NXP Semiconductors 87LPC769 Datasheet HTML 42Page - NXP Semiconductors 87LPC769 Datasheet HTML 43Page - NXP Semiconductors 87LPC769 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
37
Serial Port Control Register (SCON)
The serial port control and status register is the Special Function
Register SCON, shown in Figure 31. This register contains not only
the mode selection bits, but also the 9th data bit for transmit and
receive (TB8 and RB8), and the serial port interrupt bits (TI and RI).
The Framing Error bit (FE) allows detection of missing stop bits in
the received data stream. The FE bit shares the bit position SCON.7
with the SM0 bit. Which bit appears in SCON at any particular time
is determined by the SMOD0 bit in the PCON register. If SMOD0 =
0, SCON.7 is the SM0 bit. If SMOD0 = 1, SCON.7 is the FE bit.
Once set, the FE bit remains set until it is cleared by software. This
allows detection of framing errors for a group of characters without
the need for monitoring it for every character individually.
BIT
SYMBOL
FUNCTION
SCON.7
FE
Framing Error. This bit is set by the UART receiver when an invalid stop bit is detected. Must be
cleared by software. The SMOD0 bit in the PCON register must be 1 for this bit to be accessible.
See SM0 bit below.
SCON.7
SM0
With SM1, defines the serial port mode. The SMOD0 bit in the PCON register must be 0 for this bit
to be accessible. See FE bit above.
SCON. 6
SM1
With SM0, defines the serial port mode (see table below).
SM0, SM1
UART Mode
Baud Rate
0 0
0: shift register
CPU clock/6
0 1
1: 8-bit UART
Variable (see text)
1 0
2: 9-bit UART
CPU clock/32 or CPU clock/16
1 1
3: 9-bit UART
Variable (see text)
SCON.5
SM2
Enables the multiprocessor communication feature in Modes 2 and 3. In Mode 2 or 3, if SM2 is set
to 1, then Rl will not be activated if the received 9th data bit (RB8) is 0. In Mode 1, if SM2=1 then RI
will not be activated if a valid stop bit was not received. In Mode 0, SM2 should be 0.
SCON.4
REN
Enables serial reception. Set by software to enable reception. Clear by software to disable reception.
SCON.3
TB8
The 9th data bit that will be transmitted in Modes 2 and 3. Set or clear by software as desired.
SCON.2
RB8
In Modes 2 and 3, is the 9th data bit that was received. In Mode 1, it SM2=0, RB8 is the stop bit that
was received. In Mode 0, RB8 is not used.
SCON.1
TI
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at the beginning
of the stop bit in the other modes, in any serial transmission. Must be cleared by software.
SCON.0
RI
Receive interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or halfway through
the stop bit time in the other modes, in any serial reception (except see SM2). Must be cleared by
software.
RI
SU01157
TI
RB8
TB8
REN
SM2
SM1
SM0/FE
0
1
2
3
4
5
6
7
SCON
Reset Value: 00h
Bit Addressable
Address: 98h
Figure 31. Serial Port Control Register (SCON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com