Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87LPC769 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 3Page - NXP Semiconductors 87LPC769 Datasheet HTML 4Page - NXP Semiconductors 87LPC769 Datasheet HTML 5Page - NXP Semiconductors 87LPC769 Datasheet HTML 6Page - NXP Semiconductors 87LPC769 Datasheet HTML 7Page - NXP Semiconductors 87LPC769 Datasheet HTML 8Page - NXP Semiconductors 87LPC769 Datasheet HTML 9Page - NXP Semiconductors 87LPC769 Datasheet HTML 10Page - NXP Semiconductors 87LPC769 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
4
SU01369
UNUSED CODE
MEMORY SPACE
32-BYTE CUSTOMER
CODE SPACE
(ACCESSIBLE VIA MOVC)
UNUSED CODE
MEMORY SPACE
4 K BYTES ON-CHIP
CODE MEMORY
INTERRUPT VECTORS
SPECIAL FUNCTION
REGISTERS
(ONLY DIRECTLY
ADDRESSABLE)
128 BYTES ON-CHIP DATA
MEMORY
(DIRECTLY AND
INDIRECTLY
ADDRESSABLE)
16-BIT ADDRESSABLE BYTES
UNUSED SPACE
CONFIGURATION BYTES
UCFG1, UCFG2
(ACCESSIBLE VIA MOVX)
UNUSED SPACE
FFFFh
FCFFh
FCE0h
1000h
0FFFh
FFh
80h
7Fh
0000h
00h
0000h
FD00h
FD01h
FFFFh
*
The 87LPC769 does not support access to external data memory. However, the User Configuration Bytes
are accessed via the MOVX instruction as if they were in external data memory.
ON-CHIP CODE
MEMORY SPACE
ON-CHIP DATA
MEMORY SPACE
EXTERNAL DATA
MEMORY SPACE*
Figure 1. 87LPC769 Program and Data Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com