Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4E2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RA4E2 Datasheet HTML 1Page - Renesas Technology Corp RA4E2 Datasheet HTML 2Page - Renesas Technology Corp RA4E2 Datasheet HTML 3Page - Renesas Technology Corp RA4E2 Datasheet HTML 4Page - Renesas Technology Corp RA4E2 Datasheet HTML 5Page - Renesas Technology Corp RA4E2 Datasheet HTML 6Page - Renesas Technology Corp RA4E2 Datasheet HTML 7Page - Renesas Technology Corp RA4E2 Datasheet HTML 8Page - Renesas Technology Corp RA4E2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
Table 1.6
Timers (2 of 2)
Feature
Functional description
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a 14-bit down counter that can be used to reset the MCU when
the counter underflows because the system has run out of control and is unable to refresh the
WDT. In addition, the WDT can be used to generate a non-maskable interrupt or an underflow
interrupt.
Independent Watchdog Timer (IWDT)
The Independent Watchdog Timer (IWDT) consists of a 14-bit down counter that must be
serviced periodically to prevent counter underflow. The IWDT provides functionality to reset the
MCU or to generate a non-maskable interrupt or an underflow interrupt. Because the timer
operates with an independent, dedicated clock source, it is particularly useful in returning the
MCU to a known state as a fail-safe mechanism when the system runs out of control. The IWDT
can be triggered automatically by a reset, underflow, refresh error, or a refresh of the count value
in the registers.
Table 1.7
Communication interfaces
Feature
Functional description
Serial Communications Interface (SCI)
The Serial Communications Interface (SCI) × 2 channels have asynchronous and synchronous
serial interfaces:
● Asynchronous interfaces (UART and Asynchronous Communications Interface Adapter
(ACIA))
● 8-bit clock synchronous interface
● Simple IIC (master-only)
● Simple SPI
● Smart card interface
● Manchester interface
The smart card interface complies with the ISO/IEC 7816-3 standard for electronic signals and
transmission protocol. SCIn (n = 0, 9) has FIFO buffers to enable continuous and full-duplex
communication, and the data transfer speed can be configured independently using an on-chip
baud rate generator.
I3C bus interface (I3C)
The I3C bus interface (I3C) has one channel. The I3C module conforms with and provides a
subset of the NXP I2C (Inter-Integrated Circuit) bus interface functions and a subset of the MIPI
I3C.
Serial Peripheral Interface (SPI)
The Serial Peripheral Interface (SPI) has 2 channels. The SPI provides high-speed full-duplex
synchronous serial communications with multiple processors and peripheral devices.
Control Area Network with Flexible
Data-Rate Module (CANFD)
The CAN with Flexible Data-Rate (CANFD) module can handle classical CAN frames and
CANFD frames complied with ISO 11898-1 standard.
The module supports 4 transmit buffers and 32 receive buffers.
USB 2.0 Full-Speed module (USBFS)
The USB 2.0 Full-Speed module (USBFS) can operate as a device controller. The module
supports full-speed transfer as defined in Universal Serial Bus Specification 2.0. The module has
an internal USB transceiver and supports all of the transfer types defined in Universal Serial Bus
Specification 2.0. The USB has buffer memory for data transfer, providing a maximum of 5 pipes.
Pipe 0 and pipe 4 to pipe 7 can be assigned any endpoint number based on the peripheral
devices used for communication or based on your system.
Serial Sound Interface Enhanced (SSIE) The Serial Sound Interface Enhanced (SSIE) peripheral provides functionality to interface with
digital audio devices for transmitting I2S/Monaural/TDM audio data over a serial bus. The SSIE
supports an audio clock frequency of up to 50 MHz, and can be operated as a slave or master
receiver, transmitter, or transceiver to suit various applications. The SSIE includes 32-stage
FIFO buffers in the receiver and transmitter, and supports interrupts and DMA-driven data
reception and transmission.
Consumer Electronics Control module
(CEC)
The CEC transmission/reception module can generate and receive CEC signals complied with
the High-Definition Multimedia Interface (HDMI) Version 1.4b. The module can also automatically
detect communication states.
Table 1.8
Analog (1 of 2)
Feature
Functional description
12-bit A/D Converter (ADC12)
A 12-bit successive approximation A/D converter (ADC12) is provided. Up to 12 analog input
channels are selectable. Temperature sensor output and internal reference voltage are
selectable for conversion.
12-bit D/A Converter (DAC12)
A 12-bit D/A converter (DAC12) is provided.
RA4E2 Datasheet
1. Overview
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 4 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com