Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4E2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 3Page - Renesas Technology Corp RA4E2 Datasheet HTML 4Page - Renesas Technology Corp RA4E2 Datasheet HTML 5Page - Renesas Technology Corp RA4E2 Datasheet HTML 6Page - Renesas Technology Corp RA4E2 Datasheet HTML 7Page - Renesas Technology Corp RA4E2 Datasheet HTML 8Page - Renesas Technology Corp RA4E2 Datasheet HTML 9Page - Renesas Technology Corp RA4E2 Datasheet HTML 10Page - Renesas Technology Corp RA4E2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
# A A 0
R 7 F A 4 E 2 B 9 3 C F M
Package type
FM: LQFP 64 pins
NE: QFN 48 pins
NH: QFN 32 pins
BB: BGA 36 pins
BC: BGA 32 pins
Quality Grade
Operating temperature
2: -40°C to 85°C
3: -40°C to 105°C
Code flash memory size
9: 128 KB
Feature set
Group name
Series name
RA family
Flash memory
Renesas microcontroller
Production identification code
Terminal material (Pb-free)
A: Sn (Tin) only
C: Others
Packing
A: Tray
B: Tray (Full carton)
Note:
Check the order screen for each product on the Renesas website for valid symbols after the #.
Figure 1.2
Part numbering scheme
Table 1.11
Product list
Product part number
Package code
Code flash
Data
flash
SRAM
Operating
temperature
R7FA4E2B93CFM
PLQP0064KB-C
128 KB
4 KB
40 KB
-40 to +105°C
R7FA4E2B93CNE
PWQN0048KC-A
R7FA4E2B93CNH
PWQN0032KE-A
R7FA4E2B92CBB
PLBG0064KB-A
-40 to +85°C
R7FA4E2B92CBC
PLBG0036KA-A
RA4E2 Datasheet
1. Overview
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 7 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com