Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4E2 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 16Page - Renesas Technology Corp RA4E2 Datasheet HTML 17Page - Renesas Technology Corp RA4E2 Datasheet HTML 18Page - Renesas Technology Corp RA4E2 Datasheet HTML 19Page - Renesas Technology Corp RA4E2 Datasheet HTML 20Page - Renesas Technology Corp RA4E2 Datasheet HTML 21Page - Renesas Technology Corp RA4E2 Datasheet HTML 22Page - Renesas Technology Corp RA4E2 Datasheet HTML 23Page - Renesas Technology Corp RA4E2 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
Table 2.5
I/O IOH, IOL (2 of 2)
Parameter
Symbol
Min Typ Max Unit
Permissible output current (maxvalue of total
of all pins)
Maximum of all output pins
ΣIOH (max) —
–80 mA
ΣIOL (max) —
80
mA
Note 1. This is the value when low driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 2. This is the value when middle driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 3. This is the value when high driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 4. SCL0_D, SDA0_D (total 2 pins). This is the value when IIC function is selected.
Note 5. Except for P000 to P003, P200, which is an input port.
Caution: To protect the reliability of the MCU, the output current values should not exceed the values in this table.
The average output current indicates the average value of current measured during 100 µs.
2.2.4
I/O VOH, VOL, and Other Characteristics
Table 2.6
I/O VOH, VOL, and other characteristics (1 of 2)
Parameter
Symbol Min
Typ
Max
Unit
Test conditions
Output voltage
I3C*1
VOL
0.4
V
IOL = 3.0 mA
VOL
0.6
IOL = 6.0 mA
I3C*2
VOH
VCC - 0.27
IOH = 3.0 mA (PRTS.PRTMD = 0)
VOL
0.4
IOL = 15.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 1)
VOL
0.4
IOL = 20.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 1)
VOL
0.4
IOL = 3.0 mA (PRTS.PRTMD = 1,
BFCTL.HSME = 1)
VOL
0.27
IOL = 3.0 mA (PRTS.PRTMD = 0)
Ports P205, P206,
P407 to P411(total
7 pins)*3
VOH
VCC - 1.0
IOH = –20 mA
VCC = 3.3 V
VOL
1.0
IOL = 20 mA
VCC = 3.3 V
Other output pins
VOH
VCC - 0.5
IOH = –1.0 mA
VOL
0.5
IOL = 1.0 mA
Input leakage current
RES
|Iin|
5.0
µA
Vin = 0 V
Vin = 5.5 V
Port P000 to
P003, P200
1.0
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
5 V-tolerant ports
(except for port
P100, P101)
|ITSI|
5.0
µA
Vin = 0 V
Vin = 5.5 V
5 V-tolerant ports
(P100, P101)
10.0
Vin = 0 V
Vin = 5.5 V
Other ports
(except for port
P000 to P003,
P200)
1.0
Vin = 0 V
Vin = VCC
Input pull-up MOS
current
Ports P0 to P5, P8
(except for ports
P000 to P003)
Ip
–300
–10
µA
VCC = 2.7 to 3.6 V
Vin = 0 V
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 20 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com