Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4E2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 5Page - Renesas Technology Corp RA4E2 Datasheet HTML 6Page - Renesas Technology Corp RA4E2 Datasheet HTML 7Page - Renesas Technology Corp RA4E2 Datasheet HTML 8Page - Renesas Technology Corp RA4E2 Datasheet HTML 9Page - Renesas Technology Corp RA4E2 Datasheet HTML 10Page - Renesas Technology Corp RA4E2 Datasheet HTML 11Page - Renesas Technology Corp RA4E2 Datasheet HTML 12Page - Renesas Technology Corp RA4E2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
1.5
Pin Functions
Table 1.13
Pin functions (1 of 3)
Function
Signal
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply. Connect
this pin to VSS by a 0.1-µF capacitor. The capacitor should be
placed close to the pin.
VCL
I/O
Connect this pin to the VSS pin by the smoothing capacitor used to
stabilize the internal power supply. Place the capacitor close to the
pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input
through the EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal
resonator between XCOUT and XCIN.
XCOUT
Output
CLKOUT
Output
Clock output pin
Operating mode control
MD
Input
Pin for setting the operating mode. The signal level on this pin must
not be changed during operation mode transition on release from
the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this
signal goes low.
CAC
CACREF
Input
Measurement reference clock input pin
On-chip emulator
SWDIO
I/O
Serial wire debug data input/output pin
SWCLK
Input
Serial wire clock pin
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQn
Input
Maskable interrupt request pins
IRQn-DS
Input
Maskable interrupt request pins that can also be used in Deep
Software Standby mode
GPT
GTETRGA, GTETRGB,
GTETRGC, GTETRGD
Input
External trigger input pins
GTIOCnA, GTIOCnB
I/O
Input capture, output compare, or PWM output pins
GTADSM0, GTADSM1
Output
A/D conversion start request monitoring output pins
GTIU
Input
Hall sensor input pin U
GTIV
Input
Hall sensor input pin V
GTIW
Input
Hall sensor input pin W
GTOUUP
Output
3-phase PWM output for BLDC motor control (positive U phase)
GTOULO
Output
3-phase PWM output for BLDC motor control (negative U phase)
GTOVUP
Output
3-phase PWM output for BLDC motor control (positive V phase)
GTOVLO
Output
3-phase PWM output for BLDC motor control (negative V phase)
GTOWUP
Output
3-phase PWM output for BLDC motor control (positive W phase)
GTOWLO
Output
3-phase PWM output for BLDC motor control (negative W phase)
AGT
AGTEEn
Input
External event input enable signals
AGTIOn
I/O
External event input and pulse output pins
AGTOn
Output
Pulse output pins
AGTOAn
Output
Output compare match A output pins
AGTOBn
Output
Output compare match B output pins
RA4E2 Datasheet
1. Overview
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 9 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com