Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4E2 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 18Page - Renesas Technology Corp RA4E2 Datasheet HTML 19Page - Renesas Technology Corp RA4E2 Datasheet HTML 20Page - Renesas Technology Corp RA4E2 Datasheet HTML 21Page - Renesas Technology Corp RA4E2 Datasheet HTML 22Page - Renesas Technology Corp RA4E2 Datasheet HTML 23Page - Renesas Technology Corp RA4E2 Datasheet HTML 24Page - Renesas Technology Corp RA4E2 Datasheet HTML 25Page - Renesas Technology Corp RA4E2 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
Table 2.7
Operating and standby current (2 of 2)
Parameter
Symbol
Min Typ
Max
Unit Test conditions
Analog
power
supply
current
During 12-bit A/D conversion
AICC,
AIREFH
0.8
1.2
mA
Temperature sensor
0.1
0.2
mA
During D/A conversion (per unit)
Without AMP output
0.2
0.6
mA
With AMP output
0.7
1.5
mA
Waiting for A/D, D/A conversion (all units)
0.5
1.0
mA
ADC12, DAC12 in standby modes (all units)*9
0.4
6
µA
Reference
power
supply
current
(VREFH0)
During 12-bit A/D conversion (unit 0)
AIREFH0
70
120
µA
Waiting for 12-bit A/D conversion (unit 0)
0.07
0.5
µA
ADC12 in standby modes (unit 0)
0.07
0.5
µA
USB
operating
current
Full speed
USB
ICCUSBFS
4.0
10.0
mA
VCC_USB
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions. This does not include the BGO operation.
Note 3. ICC depends on f (ICLK) as follows.
ICC Max. = 0.24 × f + 37 (max. operation in high-speed mode)
ICC Typ. = 0.07 × f + 2.75 (normal operation in high-speed mode, all peripheral clocks disabled)
ICC Typ. = 0.1 × f + 1.71 (low-speed mode)
ICC Max. = 0.05 × f + 37 (sleep mode)
Note 4. This does not include the BGO operation.
Note 5. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 6. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (1.56 MHz).
Note 7. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (3.125 MHz).
Note 8. Reference value
Note 9. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (12-Bit A/D Converter 0 Module Stop bit) is in the
module-stop state.
Note 10. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (15.6 kHz).
Note 11. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (512 Hz). FCLK is the same frequency as that of ICLK.
Note 12. PLL output frequency = 100MHz.
Note 13. PLL output frequency = 200MHz.
Table 2.8
Coremark and normal mode current
Parameter
Symbol
Typ
Unit
Test conditions
Supply Current*1
Coremark*2 *3
ICC
82
µA/MHz
ICLK = 100 MHz
PCLKA =
PCLKB =
PCLKC =
PCLKD =
FCLK =
1.563 MHz
Normal mode
All peripheral
clocks disabled,
cache on, while
(1) code
executing from
flash*2 *3
91
All peripheral
clocks disabled,
cache off, while
(1) code
executing from
flash*2 *3
93
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 3. PLL output frequency = 100MHz.
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 22 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com