Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA210040 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 2Page - Renesas Technology Corp RAA210040 Datasheet HTML 3Page - Renesas Technology Corp RAA210040 Datasheet HTML 4Page - Renesas Technology Corp RAA210040 Datasheet HTML 5Page - Renesas Technology Corp RAA210040 Datasheet HTML 6Page - Renesas Technology Corp RAA210040 Datasheet HTML 7Page - Renesas Technology Corp RAA210040 Datasheet HTML 8Page - Renesas Technology Corp RAA210040 Datasheet HTML 9Page - Renesas Technology Corp RAA210040 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 6
Apr 13, 2021
RAA210040 Datasheet
Table 1. RAA210040 Design Guide Matrix (See Figure 3)
Case
VIN
(V)
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
CIN
(Ceramic)
(µF)
COUT
(Ceramic)
(µF)
Freq
(MHz)
RFS
(kΩ)
C1
(pF)
C2
(pF)
1
3.3
0.6
100
open
2x22
1x47
0.8
261
390
820
2
3.3
0.8
100
301
2x22
2x22
0.9
232
390
820
3
3.3
0.9
100
200
2x22
2x22
1
205
390
820
4
3.3
1
100
150
2x22
2x22
1
205
390
820
5
3.3
1.2
100
100
2x22
2x22
1.2
169
390
820
6
3.3
1.5
100
66.5
2x22
2x22
1.3
154
390
680
7
3.3
1.8
100
49.9
2x22
2x22
1.5
133
390
560
8
3.3
2.5
100
31.6
2x22
2x22
1.8
107
390
470
9
5
1
100
150
2x22
2x22
1
205
390
820
10
5
1.2
100
100
2x22
2x22
1.2
169
390
820
11
5
1.5
100
66.5
2x22
2x22
1.3
154
390
680
12
5
1.8
100
49.9
2x22
2x22
1.5
133
390
560
13
5
2.5
100
31.6
2x22
2x22
1.8
107
390
470
14
5
3.3
100
22.1
2x22
2x22
2.4
76.8
390
470
Table 2. Recommended Input/Output Capacitor
Vendor
Value
Part Number
Murata, Input Ceramic
22µF, 10V, 1206, X7R
GRM31CR71A226KE15L
Murata, Output Ceramic
22uF, 6.3V, 1206, X7R
GRM31CR70J226KE19L
Murata, Output Ceramic
47µF, 6.3V, 1206, X7R
GRM32ER70J476ME20L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com