Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA210040 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 14Page - Renesas Technology Corp RAA210040 Datasheet HTML 15Page - Renesas Technology Corp RAA210040 Datasheet HTML 16Page - Renesas Technology Corp RAA210040 Datasheet HTML 17Page - Renesas Technology Corp RAA210040 Datasheet HTML 18Page - Renesas Technology Corp RAA210040 Datasheet HTML 19Page - Renesas Technology Corp RAA210040 Datasheet HTML 20Page - Renesas Technology Corp RAA210040 Datasheet HTML 21Page - Renesas Technology Corp RAA210040 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 18
Apr 13, 2021
RAA210040 Datasheet
5.12 Thermal Shutdown
The RAA210040 has built-in thermal protection. When the internal temperature reaches +150°C, the module shuts
down. Both MOSFETs are turned off and PG goes low. As the temperature drops to +125°C, the RAA210040 resumes
operation by stepping through the soft start-up.
6.
Application Information
6.1
Output Voltage Programming
The output voltage of the module is programmed by an external resistor divider (R1 and R2 in Figure 3). R2
combined with the internal 100kΩ 0.5% resistor connected from FB to VSENSE forms a resistor divider that sets
the output voltage. The output voltage is governed by Equation 2.
Note: The output voltage accuracy is also dependent on the resistor accuracy of R1 and R2. You need to select
high accuracy resistors to achieve the overall output accuracy.
6.2
Switching Frequency Selection
With varieties of input and output voltage combinations, you must choose wisely on which frequency to operate at
according to the specific applications. The selection of switching frequency for each VIN and VOUT combination
needs to take into account a few trade-offs. Generally, lower switching frequency leads to higher efficiency at the
cost of higher output voltage ripple. Do not decrease the switching frequency too low because of the negative
current protection limit. Do not increase the switching frequency too high because of the minimum on-time limit,
especially at low VOUT. Moreover, when the output voltage is relatively high, low switching frequency results in
more sub-harmonic oscillation. Therefore, operating frequency needs to be kept relatively high under high VOUT
conditions. However, to ensure better thermal performance, the switching frequency cannot be increased too
much.
6.3
Input Capacitor Selection
The selection of the input filter capacitor is based on how much ripple the supply can tolerate on the DC input line.
The larger the capacitor, the less ripple expected; however, you need to consider the higher surge current during
power-up. The RAA210040 provides a soft start-up function that controls and limits the current surge. The total
capacitance of the input capacitor is calculated using Equation 3:
(EQ. 2)
Table 3. Output Voltage Resistor Settings
VOUT (V)
R1 (kΩ)R2 (kΩ)
0.6
100
open
0.8
100
301
0.9
100
200
1.0
100
150
1.2
100
100
1.5
100
66.5
1.8
100
49.9
2.5
100
31.6
3.3
100
22.1
VOUT
VREF
R2 R1
+
R2
---------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com