Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA210040 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 16Page - Renesas Technology Corp RAA210040 Datasheet HTML 17Page - Renesas Technology Corp RAA210040 Datasheet HTML 18Page - Renesas Technology Corp RAA210040 Datasheet HTML 19Page - Renesas Technology Corp RAA210040 Datasheet HTML 20Page - Renesas Technology Corp RAA210040 Datasheet HTML 21Page - Renesas Technology Corp RAA210040 Datasheet HTML 22Page - Renesas Technology Corp RAA210040 Datasheet HTML 23Page - Renesas Technology Corp RAA210040 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 20
Apr 13, 2021
RAA210040 Datasheet
▪ Use large copper planes to minimize conduction loss and thermal stress for VIN, VOUT, and PGND. Use
multiple vias to connect the power planes in different layers.
▪ Use a separate SGND plane for components that are connected to SGND. Connect SGND and PGND at a
single point on the top layer as shown in Figure 38.
▪ Use a remote-sensing trace to connect to the point-of-load and achieve tight output voltage regulation. Route
the remote-sensing trace underneath the PGND layer and avoid routing it near noisy planes. Place a 2Ω
resistor close to the output voltage resistor divider and FB pin to damp the noise on the trace.
Figure 36. Layout Example - Top Layer
Figure 37. Layout Example - Bottom Layer
VIN
PGND
PGND
VOUT
CIN
CIN
CIN
U1
PGND
VIN
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com