Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250Q Datasheet(PDF) 61 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 57Page - STMicroelectronics SN250Q Datasheet HTML 58Page - STMicroelectronics SN250Q Datasheet HTML 59Page - STMicroelectronics SN250Q Datasheet HTML 60Page - STMicroelectronics SN250Q Datasheet HTML 61Page - STMicroelectronics SN250Q Datasheet HTML 62Page - STMicroelectronics SN250Q Datasheet HTML 63Page - STMicroelectronics SN250Q Datasheet HTML 64Page - STMicroelectronics SN250Q Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
SN250
Functional description—application modules
61/130
SC1_DMASTAT [0x4496]
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
SC1_
RXFRMB
SC1_
RXFRMA
SC1_
RXPARB
SC1_
RXPARA
SC_RXOVFB
SC_RXOVFA
SC_TXACTB
SC_TXACTA
SC_RXACTB
SC_RXACTA
0-R
7
0-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
SC1_RXFRMB
[9]
This bit is set when DMA receive buffer B was passed a frame error from the lower
hardware FIFO. This bit is autocleared the next time buffer B is loaded or when the
receive DMA is reset.
SC1_RXFRMA
[8]
This bit is set when DMA receive buffer A was passed a frame error from the lower
hardware FIFO. This bit is autocleared the next time buffer A is loaded or when the
receive DMA is reset.
SC1_RXPARB
[7]
This bit is set when DMA receive buffer B was passed a parity error from the lower
hardware FIFO. This bit is autocleared the next time buffer B is loaded or when the
receive DMA is reset.
SC1_RXPARA
[6]
This bit is set when DMA receive buffer A was passed a parity error from the lower
hardware FIFO. This bit is autocleared the next time buffer A is loaded or when the
receive DMA is reset.
SC_RXOVFB
[5]
This bit is set when DMA receive buffer B was passed an overrun error from the lower
hardware FIFO. Neither receive buffers were capable of accepting any more bytes
(unloaded), and the FIFO filled up. Buffer B was the next buffer to load, and when it
drained the FIFO, the overrun error was passed up to the DMA and flagged with this
bit. This bit is autocleared the next time buffer B is loaded or when the receive DMA is
reset.
SC_RXOVFA
[4]
This bit is set when DMA receive buffer A was passed an overrun error from the lower
hardware FIFO. Neither receive buffers were capable of accepting any more bytes
(unloaded), and the FIFO filled up. Buffer A was the next buffer to load, and when it
drained the FIFO the overrun error was passed up to the DMA and flagged with this
bit. This bit is autocleared the next time buffer A is loaded or when the receive DMA is
reset.
SC_TXACTB
[3]
This bit is set when DMA transmit buffer B is currently active.
SC_TXACTA
[2]
This bit is set when DMA transmit buffer A is currently active.
SC_RXACTB
[1]
This bit is set when DMA receive buffer B is currently active.
SC_RXACTA
[0]
This bit is set when DMA receive buffer A is currently active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com