Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250Q Datasheet(PDF) 79 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 75Page - STMicroelectronics SN250Q Datasheet HTML 76Page - STMicroelectronics SN250Q Datasheet HTML 77Page - STMicroelectronics SN250Q Datasheet HTML 78Page - STMicroelectronics SN250Q Datasheet HTML 79Page - STMicroelectronics SN250Q Datasheet HTML 80Page - STMicroelectronics SN250Q Datasheet HTML 81Page - STMicroelectronics SN250Q Datasheet HTML 82Page - STMicroelectronics SN250Q Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 130 page
background image
SN250
Functional description—application modules
79/130
SC2_SPISTAT [0x4420]
SC2_I2CCTRL1 [0x4426]
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
0
0
0
SC_
SPITXIDLE
SC_
SPITXFREE
SC_
SPIRXVAL
SC_
SPIRXOVF
0-R
7
0-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
SC_SPITXIDLE
[3]
This bit is set when the transmit FIFO is empty and the transmitter is idle.
SC_SPITXFREE
[2]
This bit is set when the transmit FIFO is ready to accept at least one byte.
SC_SPIRXVAL
[1]
This bit is set when the receive FIFO contains at least one byte.
SC_SPIRXOVF
[0]
This bit is set when the receive FIFO has been overrun. This bit clears when the data
register (SC2_DATA) is read.
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
0
0
0
SC_
I2CSTOP
SC_
I2CSTART
SC_
I2CSEND
SC_
I2CRECV
0-R
7
0-R
6
0-R
5
0-R
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
SC_I2CSTOP
[3]
Setting this bit sends the STOP command. It autoclears when the command
completes.
SC_I2CSTART
[2]
Setting this bit sends the START or repeated START command. It autoclears when
the command completes.
SC_I2CSEND
[1]
Setting this bit transmits a byte. It autoclears when the command completes.
SC_I2CRECV
[0]
Setting this bit receives a byte. It autoclears when the command completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com