Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250Q Datasheet(PDF) 32 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 28Page - STMicroelectronics SN250Q Datasheet HTML 29Page - STMicroelectronics SN250Q Datasheet HTML 30Page - STMicroelectronics SN250Q Datasheet HTML 31Page - STMicroelectronics SN250Q Datasheet HTML 32Page - STMicroelectronics SN250Q Datasheet HTML 33Page - STMicroelectronics SN250Q Datasheet HTML 34Page - STMicroelectronics SN250Q Datasheet HTML 35Page - STMicroelectronics SN250Q Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 130 page
background image
Functional description—application modules
SN250
32/130
Figure 5.
GPIO control logic
The GPIO_DBG register must always remain set to zero. The GPIO_CFG register controls
the GPIO signal routing for alternate GPIO functions as listed in Table 17. Refer to Table 1
for individual pin alternate functions.
Table 18 defines the alternate functions routed to the GPIO. To allow more flexibility, the
timer signals can come from alternative sources (e.g., TIM1IA.1, TIM1IA.2, TIM1IA.3),
depending on what serial controller functions are used.
The Always Connected input functions labelled IRQA, IRQB, IRQC and IRQD refer to the
external interrupts. GPIO8, GPIO14, GPIO15, and GPIO16 are the only pins designed to
operate as external interrupts (IRQs). These pins offer individual filtering options, triggering
options, and interrupt configurations. The minimum width needed to latch an unfiltered
external interrupt in both level and edge triggered mode is 80ns. With the filter engaged via
the GPIO_INTFIlT bit, the minimum width needed in 450ns. Other alternate functions such
as timer input captures are capable of generating an interrupt based on external signals, but
these other alternate functions do not contain the flexibility offered on the four external
interrupts (IRQs).
When the core is powered down, peripherals stop driving correct output signals. To maintain
correct output signals, the system software will ensure that the GPIO output signals are
frozen before going into deep sleep.
Monitoring circuitry is in place to detect when the logic state of GPIO input pins change. The
lower 16 GPIO pins that should be monitored can be chosen by software with the
GPIO_WAKEL
register. The resulting event can be used for waking up from deep sleep as
described in Section 6.14.
Alternate
GPIO
functions
GPIO[16:0]
VDD_PADS
GPIO_CFG
GPIO_INH/L
GPIO_SETH/L
GPIO_DIRSETH/L
GPIO_PUH/L
GPIO_PDH/L
GPIO_CLRH/L
GPIO_DIRH/L
GPIO_DIRCLRH/L
GPIO_OUTH/L
Note (1)
Note (2)
Pull-up resistor is always disabled for Alternate GPIO functions ADC 0,
ADC1, ADC2, ADC3, VREF_OUT, PTI_EN and PTI_DATA.
Note (1) :
Pull-down resistor is always disabled for Alternate GPIO functions
VREF_OUT, PTI_EN and PTI_DATA.
Note (2) :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com