Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250Q Datasheet(PDF) 82 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 78Page - STMicroelectronics SN250Q Datasheet HTML 79Page - STMicroelectronics SN250Q Datasheet HTML 80Page - STMicroelectronics SN250Q Datasheet HTML 81Page - STMicroelectronics SN250Q Datasheet HTML 82Page - STMicroelectronics SN250Q Datasheet HTML 83Page - STMicroelectronics SN250Q Datasheet HTML 84Page - STMicroelectronics SN250Q Datasheet HTML 85Page - STMicroelectronics SN250Q Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
Functional description—application modules
SN250
82/130
SC2_DMASTAT [0x4416]
SC2_RXCNTA [0x4410]
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
0
SC_RXOVFB
SC_RXOVFA
SC_TXACTB
SC_TXACTA
SC_RXACTB
SC_RXACTA
0-R
7
0-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
SC_RXOVFB
[5]
This bit is set when DMA receive buffer B was passed an overrun error from the lower
hardware FIFO. Neither receive buffers were capable of accepting any more bytes
(unloaded), and the FIFO filled up. Buffer B was the next buffer to load, and when it
drained the FIFO the overrun error was passed up to the DMA and flagged with this
bit. This bit is autocleared the next time buffer B is loaded or when the receive DMA is
reset.
SC_RXOVFA
[4]
This bit is set when DMA receive buffer A was passed an overrun error from the lower
hardware FIFO. Neither receive buffers were capable of accepting any more bytes
(unloaded), and the FIFO filled up. Buffer A was the next buffer to load, and when it
drained the FIFO the overrun error was passed up to the DMA and flagged with this
bit. This bit is autocleared the next time buffer A is loaded or when the receive DMA is
reset.
SC_TXACTB
[3]
This bit is set when DMA transmit buffer B is currently active.
SC_TXACTA
[2]
This bit is set when DMA transmit buffer A is currently active.
SC_RXACTB
[1]
This bit is set when DMA receive buffer B is currently active.
SC_RXACTA
[0]
This bit is set when DMA receive buffer A is currently active.
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
SC2_RXCNTA
SC2_RXCNTA
0-R
7
0-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
SC2_RXCNTA
[12:0]
A byte offset (from 0) which points to the location in DMA receive buffer A where the
next byte will be placed. When the buffer fills and subsequently unloads, this register
wraps around and holds the value zero (pointing back to the first location in the
buffer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com