Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250Q Datasheet(PDF) 22 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 18Page - STMicroelectronics SN250Q Datasheet HTML 19Page - STMicroelectronics SN250Q Datasheet HTML 20Page - STMicroelectronics SN250Q Datasheet HTML 21Page - STMicroelectronics SN250Q Datasheet HTML 22Page - STMicroelectronics SN250Q Datasheet HTML 23Page - STMicroelectronics SN250Q Datasheet HTML 24Page - STMicroelectronics SN250Q Datasheet HTML 25Page - STMicroelectronics SN250Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 130 page
background image
Functional description—system modules
SN250
22/130
The MAC resides in RX mode most of the time, and different format and address filters keep
non-intended
packets from using excessive RAM buffers, as well as preventing the CPU from being
interrupted. When the reception of a packet begins, the MAC reads 4-bit symbols from the
baseband and calculates the CRC. It assembles the received data for storage in a RAM
buffer. A RX MAC DMA provides direct access to the RAM memory. Once the packet has
been received, additional data is appended to the end of the packet in the RAM buffer
space. The appended data provides statistical information on the packet for the software
stack.
The primary features of the MAC are:
●
CRC generation, appending, and checking
●
Hardware timers and interrupts to achieve the MAC symbol timing
●
Automatic preamble, and SFD pre-pended to a TX packet
●
Address recognition and packet filtering on received packets
●
Automatic acknowledgement transmission
●
Automatic transmission of packets from memory
●
Automatic transmission after backoff time if channel is clear (CCA)
●
Automatic acknowledgement checking
●
Time stamping of received and transmitted messages
●
Attaching packet information to received packets (LQI, RSSI, gain, time stamp, and
packet status)
●
IEEE 802.15.4 timing and slotted/unslotted timing
6.4
Packet Trace Interface (PTI)
The SN250 integrates a true PHY-level PTI for effective network-level debugging. This two-
signal interface monitors all the PHY TX and RX packets (in a non-intrusive manner)
between the MAC and baseband modules. It is an asynchronous 500 Kbps interface and
cannot be used to inject packets into the PHY/MAC interface. The two signals from the
SN250 are the frame signal (PTI_EN) and the data signal (PTI_DATA). The PTI is supported
by InSight Desktop.
6.5
XAP2b microprocessor
The SN250 integrates the XAP2b microprocessor developed by Cambridge Consultants
Ltd., making it a true system-on-a-chip solution. The XAP2b is a 16-bit Harvard architecture
processor with separate program and data address spaces. The word width is 16 bits for
both the program and data sides. Data-side addresses are always specified in bytes, though
they can be accessed as either bytes or words, while program-side addresses are always
specified and accessed as words. The data-side address bus is effectively 15 bits wide,
allowing for an address space of 32KB; the program-side address bus is 16 bits wide,
addressing 64k words.
The standard XAP2 microprocessor and accompanying software tools have been enhanced
to create the XAP2b microprocessor used in the SN250. The XAP2b adds data-side byte
addressing support to the XAP2 by utilizing the 15th bit of the data-side address bus to
indicate byte or word accesses. This allows for more productive usage of RAM, optimized
code, and a more familiar architecture for customers when compared to the standard XAP2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com