Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002C Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SLG51002C
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002C Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SLG51002C Datasheet HTML 6Page - Renesas Technology Corp SLG51002C Datasheet HTML 7Page - Renesas Technology Corp SLG51002C Datasheet HTML 8Page - Renesas Technology Corp SLG51002C Datasheet HTML 9Page - Renesas Technology Corp SLG51002C Datasheet HTML 10Page - Renesas Technology Corp SLG51002C Datasheet HTML 11Page - Renesas Technology Corp SLG51002C Datasheet HTML 12Page - Renesas Technology Corp SLG51002C Datasheet HTML 13Page - Renesas Technology Corp SLG51002C Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.1
12-Sep-2022
CFR0011-120-00
10 of 35
© 2022 Renesas Electronics Corporation
allowed to be forced high before VDD is powered up. All other GPIOs are not allowed to be forced
high before VDD and VDDIO are powered up.
● Outputs of LDOs should not exceed their respective input voltages.
● Voltage at VDDIO should not exceed voltage at VDD. VDDIO and VDD can be tied together.
3.2
Recommended Operating Conditions
Table 4: Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
TA
Ambient temperature
-40
+25
+85
°C
VDD
Power supply voltage on
VDD pin
2.8
3.8
5.0
V
VDDIO
Power supply voltage on
VDDIO pin
1.2
VDD
V
Power supply voltage on
VIN1_2, VIN3, VIN4, VIN5
pins
1.7
5.0
V
Power supply voltage on
VIN6, VIN7, VIN8 pin
LDO Mode
0.8
1.5
V
Power supply voltage on
VIN6, VIN7, VIN8 pin
Load Switch Mode
0.5
1.4
V
Voltage on low voltage
pins
GPIO5 and GPI6
0
1.8
V
Voltage on high voltage
pins
GPIO1 to GPIO4
-0.3
VDDIO
V
CS
-0.3
VDD
3.3
Thermal Characteristics
Table 5: Package Ratings
Parameter
Description
Conditions
Min
Typ
Max
Unit
Rϴ_JA
Package thermal
resistance
Junction to ambient
JEDEC standard PCB
54.8
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com