Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002C Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # SLG51002C
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002C Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button SLG51002C Datasheet HTML 21Page - Renesas Technology Corp SLG51002C Datasheet HTML 22Page - Renesas Technology Corp SLG51002C Datasheet HTML 23Page - Renesas Technology Corp SLG51002C Datasheet HTML 24Page - Renesas Technology Corp SLG51002C Datasheet HTML 25Page - Renesas Technology Corp SLG51002C Datasheet HTML 26Page - Renesas Technology Corp SLG51002C Datasheet HTML 27Page - Renesas Technology Corp SLG51002C Datasheet HTML 28Page - Renesas Technology Corp SLG51002C Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.1
12-Sep-2022
CFR0011-120-00
25 of 35
© 2022 Renesas Electronics Corporation
3.9
LDO_LV Characteristics
The characteristics for the LDOs in Load Switch Mode are given in Section 3.9.1
Table 13: LDO_LV (LDO6, 7 and 8) Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input supply (pass device +
part of controller)
0.8
1.25
1.5
V
COUT
Output capacitance
Effective capacitance after
derating
4
Note 1
20
80
μF
ESLCOUT
Output capacitor series
inductance
f > 100 kHz
1
nH
IOUT_MAX
Maximum output current
LDO6, 7
VOUT drops 50 mV
1000
Note 2
mA
Maximum output current
LDO8
VOUT drops 50 mV
1300
Note 2
Programmable Conditions
VOUT
Selectable output voltage
0.5
Note 3
1.175
1.4
V
VOUT_LSB
LSB of output voltage
programming DAC (8-bit
control)
5
mV
SR
Slew rate, programmable to
(1, 2.5, 5, 7.5, 10, 12.5, 25,
50, 100) mV/us
Note 4
VOUT = VOUT (Typ)
1
100
mV/μs
IOUT_STARTUP
_LIM
Start-up current limit,
programmable in 29.2 mA
steps LDO6, 7
Note 5
At 90 % VOUT
29.2
321.2
1430.8
mA
Start-up current limit,
programmable in 29.2 mA
steps LDO8
Note 5
At 90 % VOUT
29.2
321.2
1693.6
mA
IOUT_FUNC_LI
M
Functional current limit,
programmable in 29.2 mA
steps LDO6, 7
Note 5
29.2
1255.6
1430.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com