Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002C Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # SLG51002C
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002C Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button SLG51002C Datasheet HTML 23Page - Renesas Technology Corp SLG51002C Datasheet HTML 24Page - Renesas Technology Corp SLG51002C Datasheet HTML 25Page - Renesas Technology Corp SLG51002C Datasheet HTML 26Page - Renesas Technology Corp SLG51002C Datasheet HTML 27Page - Renesas Technology Corp SLG51002C Datasheet HTML 28Page - Renesas Technology Corp SLG51002C Datasheet HTML 29Page - Renesas Technology Corp SLG51002C Datasheet HTML 30Page - Renesas Technology Corp SLG51002C Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.1
12-Sep-2022
CFR0011-120-00
27 of 35
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOUT_TR_LD_1
mA
Load transient response
VIN = VOUT +
VDROPOUT (Max)
VOUT = VOUT (Typ)
IOUT = 1 mA to 500mA
tR = tF = 1
μs
21
29
mV
tON
Turn-on time
Time to 90 % of VOUT
IOUT = 0 mA
C
OUT = 20 μF
Note 8
0.2
ms
tOFF
Turn-off time
Time to 10 % of VOUT
IOUT = 0 mA
C
OUT = 20 μF
RPD_OFF=100Ohm
4.7
ms
AC Parameters
PSRR1kHz
Power supply rejection ratio
f = 1 kHz
VIN = VOUT +
VDROPOUT (Max) +
200 mV
VOUT = VOUT (Typ)
IOUT = 500mA
COUT
= 20 μF
68
dB
PSRR100kHz
Power supply rejection ratio
f = 100 kHz
VIN = VOUT +
VDROPOUT (Max) +
200 mV
VOUT = VOUT (Typ)
IOUT = 500mA
COUT
= 20 μF
52
dB
PSRR1MHz
Power supply rejection ratio
f = 1 MHz
VIN = VOUT +
VDROPOUT (Max) +
200 mV
VOUT = VOUT (Typ)
IOUT = 500mA
COUT
= 20 μF
68
dB
VN
Output noise
f = 10 Hz to 100 kHz
IOUT = 500mA
100
μV
Current Limit Accuracy
IOV_SINK
Current sink at over-voltage
VOV = VOUT + 100 mV
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com