Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002C Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SLG51002C
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002C Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SLG51002C Datasheet HTML 24Page - Renesas Technology Corp SLG51002C Datasheet HTML 25Page - Renesas Technology Corp SLG51002C Datasheet HTML 26Page - Renesas Technology Corp SLG51002C Datasheet HTML 27Page - Renesas Technology Corp SLG51002C Datasheet HTML 28Page - Renesas Technology Corp SLG51002C Datasheet HTML 29Page - Renesas Technology Corp SLG51002C Datasheet HTML 30Page - Renesas Technology Corp SLG51002C Datasheet HTML 31Page - Renesas Technology Corp SLG51002C Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.1
12-Sep-2022
CFR0011-120-00
28 of 35
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
Quiescent Current Specifications
IQ_ON_0mA
Quiescent current, no load
IOUT = 0 mA
Note 9
8
15
μA
IQ_ON_1mA
Quiescent current, low load
IOUT = 1 mA
Note 9
10
16
μA
IQ_ON_IMAX
Quiescent current,
IOUT_MAX
IOUT = 1000 mA
Note 9
0.42
1.5
mA
Note 1
For currents less than 400 mA, a minimum of 1.2 μF (after derating) can be used.
Note 2
For IOUT_MAX, see IMAX_LDO_LV Absolute Maximum Ratings table.
Note 3
Output is capable down to 0.4 V at reduced accuracy. Please contact Renesas Electronics Corporation for
more information
Note 4
Slew rate
≥ 50mV/us is guaranteed for Cout ≤ 10uF
Note 5
Accuracy -42%
… +50%, IOUT_LIM > 100 mA
Note 6
The overall accuracy can be calculated by summing VOUT_PP + VOUT_TEMP + VOUT_STATIC_LD +
VOUT_STATIC_LINE.
Note 7
Dropout voltage is linear with the load current. If using a lower IOUT_MAX than specified, the dropout can
be calculated using 10 mV per 100 mA of load.
Note 8
For slew rate set at 100 mV/us, VOUT = 1.175 V
Note 9
Internal regulator current flowing to ground.
3.9.1
Load Switch Mode Characteristics
Table 14: Load Switch Mode Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage
0.5
Note 1
1.25
1.4
V
IOUT_MAX
Maximum output current
LDO6, 7
1000
mA
Maximum output current
LDO8
1300
mA
Programmable Conditions
SR
Slew rate, programmable to
(4, 6, 8, 10) mV/µs
4
10
mV/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com