Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100GA2R Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 131Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 132Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 133Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 134Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 135Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 136Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 137Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 138Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
135
January 26, 2016
Table 4.29 Register [0x4000_1810] Z1_LINBAUDLOW
Z1_LINBAUDLOW
ADD:0x4000_1810
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
7 : 0
LINBAUDLOW
R / W
R / W
0xE7
Baud rate for LIN interface
baud rate = CLK/({LINBAUDHIGH, LINBAUDLOW} + 1)
Note: In NORMAL operating mode, this register must not be
written. It is updated by the BREAK/SYNC detector.
Note: For debugging purposes, the LIN controller can function
as a TX UART. For this purpose, the baud rate can be selected
by software but must be at least 0x3.
31 : 8
---
R
---
0
Unused; always read as 0.
Table 4.30 Register [0x4000_1814] Z1_LINBAUDHIGH
Z1_LINBAUDHIGH
ADD:0x4000_1814
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
6 : 0
LINBAUDHIGH
R / W
R / W
0x3
Baud rate for LIN interface
baud rate = clk / ( {LINBAUDHIGH, LINBAUD LOW} + 1)
Note: In NORMAL operating mode, this register must not be
written. It is updated by the BREAK/SYNC detector.
Note: for debugging purposes, the LIN controller can function as
a TX UART. For this purpose, the baud rate can be selected by
software but must be at least 0x3.
31 : 7
---
R
---
0
Unused; always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com