Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100GA2R Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 135Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 136Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 137Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 138Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 139Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 140Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 141Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 142Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
139
January 26, 2016
Table 4.37 Register [0x4000_0818] FC_STAT_PROG
FC_STAT_PROG
ADD:0x4000_0818
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
17 : 0
ADDRPROG
R
R / W
0
This register contains the address of the instruction fetch
error that caused the first of the three flags below to be set;
the highest bit is used to distinguish between MAIN (0) and
INFO (1) area.
28 : 18
---
R
---
0
Unused; always read as 0.
29
PROGALL1
RC
R / W
0
This bit is set when an instruction fetch occurs to an erased
memory address; it is cleared when this register is read.
30
PROG1ERR
RC
R / W
0
This bit is set when a correctable error occurs during an
instruction fetch; it is cleared when this register is read.
31
PROG2ERR
RC
R / W
0
This bit is set when an un-correctable error occurs during an
instruction fetch; it is cleared when this register is read.
Table 4.38
Register [0x4000_081C] FC_STAT_DATA
FC_STAT_DATA
ADD:0x4000_081C
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
17 : 0
ADDRDATA
R
R / W
0
This register contains the address of the read error which
caused the first of the three flags below to be set; the highest
bit is used to distinguish between MAIN (0) and INFO (1)
area.
28 : 18
---
R
---
0
Unused; always read as 0.
29
DATAALL1
RC
R / W
0
This bit is set when a READ is performed to an erased
memory address; it is cleared when this register is read.
30
DATA1ERR
RC
R / W
0
This bit is set when a correctable error occurs during a read;
it is cleared when this register is read.
31
DATA2ERR
RC
R / W
0
This bit is set when an un-correctable error occurs during a
READ; it is cleared when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com