Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100GA2R Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 140Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 141Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 142Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 143Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 144Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 145Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 146Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 147Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
144
January 26, 2016
5.2.7.
Reference Voltage Test
Event
There is failure in the ADC reference voltage.
Detection
The ADC input is connected to the internal reference voltage (this is not the ADC reference). The
value of this voltage is expected to be Vref/2 and the ADC should return the midscale value.
Details for software implementation:
ADC channel selected by the ADCCTRL register: IMPSEL[4:0] = 1CHEX
Expected ADC conversion result:
ADCRES[9:0] = 512 ± 30 (unsigned result)
Capturing
The event is captured in the MCU by reading the ADC conversion value.
Reaction
A response should be implemented in the MCU software depending on application requirements.
5.2.8.
5.0V Supply Test
Event
Regulator VDD5V0 voltage is out of range.
Detection
The regulator’s output is measured with the ADC. The expected result is the ADC midscale value.
Details for software implementation:
ADC channel selected by the ADCCTRL register: IMPSEL[4:0] = 1DHEX
Expected ADC conversion result:
ADCRES[9:0] = 512 ± 50 (unsigned result)
Capturing
The event is captured in the MCU by reading the ADC conversion value.
Reaction
A response should be implemented in the MCU software depending on application requirements.
5.2.9.
2.5V Supply Test
Event
Regulator VDD2V5 voltage is out of range.
Detection
The regulator’s output is measured with the ADC. The expected result is the ADC midscale value.
Details for software implementation:
ADC channel selected by the ADCCTRL register: IMPSEL[4:0] = 1EHEX
Expected ADC conversion result:
ADCRES[9:0] = 512 ± 50 (unsigned result)
Capturing
The event is captured in the MCU by reading the ADC conversion value.
Reaction
A response should be implemented in the MCU software depending on application requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com