Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100GA2R Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 143Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 144Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 145Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 146Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 147Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 148Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 149Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 150Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
147
January 26, 2016
6.2.
External Components for Automotive Mirror Control Application
Table 6.1 lists the values, purpose, and tolerances for the external components shown in Figure 6.1.
Table 6.1
Parameters for External Components in Typical Automotive Mirror Control Application
Component
Function
Min
Typ
Max
Tol
Units
Note
C1
Supply filtering
-
100
-
10%
nF
Capacitor (ceramic)
C2
Supply filtering
-
10
-
10%
µF
Capacitor (ceramic)
C3
Supply filtering
-
68
-
10%
nF
Capacitor (ceramic)
C4
Charge pump
-
68
-
10%
nF
Capacitor (ceramic)
C5
Regulator stability
-
220
-
10%
nF
Capacitor (ceramic)
C6
Regulator stability
-
47
-
10%
nF
Capacitor (ceramic)
C7
Regulator stability
-
47
-
10%
nF
Capacitor (ceramic)
C8
Regulator stability
-
47
-
10%
nF
Capacitor (ceramic)
C9
1)
LIN
-
100
-
1%
pF
Capacitor (ceramic)
T1
Reverse polarity
-
-
-
-
-
IRF7470
T2
2)
External temperature
sensor
-
-
-
-
-
MMBT3904
R1
Load for EC mirror
-
47
-
5%
Ω
Resistor/~1W
R2/3
Short to Vbat prot.
-
1
-
10%
kΩ
Resistor
R4
Reverse polarity circuit
-
4.7
-
10%
Ω
Resistor
R5
Reverse polarity circuit
-
2.2
-
10%
MΩ
Resistor
P1/2
Position sensors
2
5
10%
kΩ
Potentiometer
D1
Reverse polarity
-
-
-
-
-
BAT54
1)
According to the LIN 2.0 standard, the total capacitance of the SLAVE LIN pin must be less than 220pF.
2)
Optional component for external temperature measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com