Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100GA2R Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 145Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 146Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 147Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 148Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 149Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 150Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 151Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 152Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
149
January 26, 2016
Table 7.1
Pin Description
Note: See important table notes at the end of the table.
Pin Name
Position
Purpose
Mode
Description
SUPPLY PINS
VDDE
32
Supply
Input
Supply for the system
VDDE1
64
Supply
Input
High current supply for the drivers
VDDE2
4
VDDE3
5
VDDE4
7
VDDE5
8
VDDE6
11
VDDE7
12
VDDE8
17
VSS1
(1)
20
Supply
Input
High current ground for drivers
VSS2
(1)
15
VSS3
(1)
2
VSS4
(1)
62
VSS5
(1)
58
VSS_LIN
(1)
54
Supply
Input
Ground for LIN transceiver
VSSA
(1)
24
Supply
Input
Ground for analog blocks (low noise)
VSSD1
(1)
31
Supply
Input
Ground for digital blocks of SBC
VSSD2
(1)
51
Supply
Input
Ground for MCU
VSS_IO
(1)
53
Supply
Input
Ground for SBC digital IOs
EXPOSED PAD
(2)
65
Heat sink
-
Connected to digital ground
CAP_5V0
(3)
30
Analog
In/Out
Connection to external capacitor for 5V
(analog supply)
CAP_3V3
(3)
34
Analog
In/Out
Connection to external capacitor for 3.3V
(MCU peripheral supply)
CAP_1V8
(3)
33
Analog
In/Out
Connection to external capacitor for 1.8V
(SBC digital and MCU core supply)
CAP_MCU
(3)
35
Analog
In/Out
Connection to external capacitor for MCU
1V8 core voltage supply
CAP_CP
(3)
56
Analog
In/Out
Connection to external capacitor for the
charge pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com