Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100GA2R Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 148Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 149Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 150Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 151Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 152Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 153Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 154Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 155Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 156Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 153 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
153
January 26, 2016
9
Ordering Information
Product Sales Code
Description
Package
ZAMC4100GA2R
ZAMC4100GA PQFN64 – Temperature range: -40°C to +85°C
13” Tape and Reel
ZAMC4100GA2V
ZAMC4100GA PQFN64 – Temperature range: -40°C to +85°C
Tray
ZAMC4100 Evaluation Kit V2.0 including the ZAMC4100 Evaluation Board; software available at www.IDT.com/ZAMC4100
ZAMC4100 Application Kit V1.0 including the ZAMC4100 Application Board
10 Related Documents
Document
ZAMC4100 Feature Sheet
ZAMC4100 Evaluation Kit Description
ZAMC4100 Application Kit Description
Visit the ZAMC4100 product page at www.IDT.com/zamc4100 or contact your nearest sales office for the latest
version of these documents.
11 Glossary
Abbreviation
Description
ADC
Analog-to-Digital Converter
ARM®
Advanced RISC Machine (RISC = Reduced Instruction Set Computing)
Cortex™-M0
32-bit RISC processor core licensed by ARM
CRC
Cyclic Redundancy Check
CS
Current Source
CSH
Current Source High-Side
CSL
Current Source Low-Side
CSN
Chip Select (Negative)
DAC
Digital to Analog Converter
DDM
Driver Door Module
ECC
Error Correction Controller
ECM
Electrochromatic Mirror
ECU
Electronic Control Unit
EEPROM
Electrically Erasable Programmable Read-Only Memory
FLASH
Non-volatile memory that can be electrically erased and programmed. Usually where the program is
stored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com