Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMC4100GA2R Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 148Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 149Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 150Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 151Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 152Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 153Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 154Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 155Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 156Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 154 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
154
January 26, 2016
Abbreviation
Description
FSR
Full-Scale Range
GND
Ground potential of the application
GPIO
General Purpose Input Output interface
IC
Integrated Circuit
IRQN
Interrupt Request (Negative)
JTAG
Based on IEEE 1149.1 Standard Test Access Port and Boundary-Scan Architecture
LIN
Local Interconnect Network
LIN PHY
LIN Physical layer
MCU
Microcontroller Unit
MOSI
Master Out Slave In
MISO
Master In Slave Out
MUX
Multiplexer
NMI
Non-maskable Interrupt
NMOS
N-type MOSFET
NVIC
Nested Vector Interrupt Controller
OC
Over-Current
OCH
Over-Current for High-Side Driver
OCL
Over-Current for Low-Side Driver
OSCH
High frequency oscillator
OSCL
Low frequency oscillator
OSI
Open Systems Interconnection
OV
Over-Voltage
OVL
Over-Load
OVT
Over-Temperature
PCB
Printed Circuit Board
POR
Power-On-Reset
PWM
Pulse-Width Modulation
RESCODE
Result Code from ADC
SAR
Successive Approximation
SBC
System Basis Chip
SPI
Serial Peripheral Interface
SIP
System-in-Package
SRAM
Static RAM (RAM = Random Access Memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com